Electronic Components Datasheet Search
  English  ▼

X  

446580 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 446580
Description  Hygro-Thermometers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

446580 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  446580 Datasheet HTML 1Page - Extech Instruments Corporation. 446580 Datasheet HTML 2Page - Extech Instruments Corporation. 446580 Datasheet HTML 3Page - Extech Instruments Corporation. 446580 Datasheet HTML 4Page - Extech Instruments Corporation. 446580 Datasheet HTML 5Page - Extech Instruments Corporation. 446580 Datasheet HTML 6Page - Extech Instruments Corporation. 446580 Datasheet HTML 7Page - Extech Instruments Corporation. 446580 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model 446580 Version 2.0 June 2004
3
1
2
3
4
7
8
9
5
6
Meter Description
1. Temperature-Humidity Sensor
2. LCD Display
3. ON/OFF/HOLD switch
4. Temperature units switch ( °C & °F )
5. Temperature/Humidity/Record switch
(RECORD position only on the 446580)
6. RECORD / ERASE button (Model 446580 only)
7. Wet bulb calibration adjustment (for factory use only)
8. Dry bulb calibration adjustment (for factory use only)
9. PC Interface jack (Model 446580) or
Analog output jack (Model 4465CF)
The battery compartment and the tripod mount are located
on the rear of the instrument.
Operation
Getting Started
1. Set the TEMP-%RH switch to the TEMP or %RH position.
2. Move the
oC-oF switch to the desired temperature unit of measure.
3. Move the ON-OFF-HOLD switch to the ON position. If the display does not switch on
please check that the 9V battery is installed and is fresh.
4. The Humidity and Temperature sensors are contained in the tip of the meter. Mount or
hold the meter in the area to be tested. For convenience, a standard tripod mount is
located at the rear of the meter.
5. Humidity changes take time (3 to 5 minutes) to stabilize. Please allow time for the
display to settle.
6. When the low battery icon flashes on the LCD, replace the 9V battery.
Displayed Readings
The Model 4465CF displays humidity or temperature readings in the center of the LCD
depending upon the position of the TEMP-%RH switch.
The
Model
446580,
displays
both
parameters
simultaneously
with
the
primary
measurement in the center of the LCD (large digits) and the secondary measurement in
the lower right hand side of the LCD (smaller digits). The 446580 also momentarily
displays the Date on power-up (in MM:DD format) on the lower left of the LCD. The date
display becomes the clock display (24-hour clock format) after several seconds.
Battery Replacement
The Battery Compartment is located on the lower back of the instrument housing. Slide the
compartment cover off in the direction of the arrow. Replace the 9V battery and secure the
compartment cover.
Data Hold
Set the ON-OFF-HOLD switch to the HOLD position to freeze a displayed reading. The H
icon will switch on. Move the switch to the ON position to continue normal operation (the H
icon will switch off).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com