Electronic Components Datasheet Search
  English  ▼

X  

461900 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 461900
Description  MultiMeter Tachometer Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461900 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  461900 Datasheet HTML 1Page - Extech Instruments Corporation. 461900 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver. 1.5
3/01
2
Description (see front cover diagram)
1.
Tachometer Light Source
2.
Status LEDs for Battery and Target
3.
Range Select Switch
4.
Measure key
5.
Adapter-to-DMM cable leads
Measurements
1.
Connect the Adapter-to-DMM cable to the DMM as follows: RED lead to the '+'
Terminal and BLACK lead to the '-' terminal.
2.
Set the DMM to a dc mV range.
3.
Affix a small piece (approx. 0.5") of supplied reflective tape to the object under test.
4.
Align the Photo-Tachometer light source with the reflective tape mark on the moving
object.
5.
Select Range A or Range B with the Range Switch (Start with B if range unknown).
6.
Press the Measure Button and read the RPM measurement on the DMM display.
7.
The TARGET LED Status Indicator lights up on the front of the Adapter when the
light source beam has been broken by the object under test.
NOTE: To obtain better accuracy for low RPM measurements (less than 50 RPM) use
more than one piece of reflective tape. Divide the meter reading by the number of
reflective tape pieces for accurate measurement data.
Maintenance
Battery Replacement
The low battery status LED lights up when it is nearing the time to replace the four 1.5V
'AA' batteries. Reliable readings can still be obtained, however, for several hours after the
first appearance of the low battery indicator. To replace the batteries:
a) Remove the battery compartment cover on the rear of the meter.
b) Replace the batteries and reinstall the compartment cover
Cleaning
Caution: Use only a dry cloth to clean the plastic case.
Calibration and Repair Services
Extech offers complete repair and calibration services for all of the products we sell. For
periodic calibration, NIST certification or repair of any Extech product, call customer
service for details on services available. Extech recommends that calibration be performed
on an annual basis to ensure calibration integrity.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for one year from date of shipment (a six month limited warranty applies on sensors and cables). If it
should become necessary to return the instrument for service during or beyond the warranty period, contact the
Customer Service Department at (781) 890-7440 for authorization. A Return Authorization (RA) number must be
issued before any product is returned to Extech. The sender is responsible for shipping charges, freight, insurance
and proper packaging to prevent damage in transit.
This warranty does not apply to defects resulting from action of the user such as misuse, improper wiring,
operation outside of specification, improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness for a specific purpose and will not be
liable for any direct, indirect, incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other warranty, whether written or
oral, is expressed or implied.
Copyright © 2001 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com