Electronic Components Datasheet Search
  English  ▼

X  

461920 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 461920
Description  Laser Photo Tachometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461920 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  461920 Datasheet HTML 1Page - Extech Instruments Corporation. 461920 Datasheet HTML 2Page - Extech Instruments Corporation. 461920 Datasheet HTML 3Page - Extech Instruments Corporation. 461920 Datasheet HTML 4Page - Extech Instruments Corporation. 461920 Datasheet HTML 5Page - Extech Instruments Corporation. 461920 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
461920 V2.1V 5/07
4
Meter Operation
1. Apply an appropriately (0.5”/12mm) sized square piece
of reflective tape to the surface of the object under test.
2. Point the meter toward the device under test at a
distance of 2" to 20" (50 to 500mm).
3. Press the Measure button (MEAS) and align the laser
light beam with the reflective tape.
4. Verify that the ((( ))) Monitor Indicator appears on the LCD
when the reflective tape passes through the light beam.
5. To change units (RPM or REV), release the MEAS
button and press the MODE button.
6. When the Measure button is released the last reading
will remain in the display for 5 to 10 seconds before the
Auto Power Off feature turns the meter off.
7. With the meter OFF, press the MEM (memory) button to
recall the MAX, MIN and LAST rpm values or the last
count (REV) from the last measurement period.
Measurement Notes
1. Bright ambient light may interfere with the reflected light
beam. Shading the target area may be necessary in
some cases.
2. The non-reflective are must always be larger than the
reflective area.
3. If the shaft or rotating object is normally reflective, it
must be covered with black tape or paint before the
reflective tape is applied.
4. To improve repeatability of low rpm measurements,
apply additional squares of reflective tape. Divide the
reading shown on the display by the number of pieces of
reflective tape squares to calculate the actual rpm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com