Electronic Components Datasheet Search
  English  ▼

X  

461995 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 461995
Description  Laser Photo / Contact Tachometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461995 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  461995 Datasheet HTML 1Page - Extech Instruments Corporation. 461995 Datasheet HTML 2Page - Extech Instruments Corporation. 461995 Datasheet HTML 3Page - Extech Instruments Corporation. 461995 Datasheet HTML 4Page - Extech Instruments Corporation. 461995 Datasheet HTML 5Page - Extech Instruments Corporation. 461995 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
461995 V1.3 7/02
3
Specifications
General Specifications
Circuit
Custom one-chip LSI microprocessor circuit
Time base
Quartz crystal 4.194 MHz
Display
Reversible 5 digit 0.4" (10mm) LCD display
Laser light source
Less than 1mW; Class 2 red laser diode (645nm approx.)
Detecting Distance
2 to 79" (50 to 2000 mm) depending on ambient light and RPM
Memory
Last reading and MIN/MAX readings
Operating Conditions
32 °F to 122 °F (0 °C to 50 °C); RH 80% Max
Power Supply
4 x 1.5 V AA batteries
Power Consumption
20mA DC approx.
Weight
10.6oz. (300g) including battery)
Size
8.5 x 2.6 x 1.5" (210 x 67 x 38 mm)
Accessories
(4)1.5V batteries, reflective tape 24" [600mm], surface
speed/rpm rotating attachments, and carrying case
Range Specifications
Range
Resolution
Accuracy (%rdg)
Photo
Tachometer
10 to 99,999 rpm
0.1 rpm (<1000rpm)
1 rpm (>1000 rpm)
Contact
Tachometer
0.5 to 19,999 rpm
0.1 rpm (<1000rpm)
1 rpm (>1000 rpm)
± (0.05% + 1d)
Surface
Speed
0.2 to 6560 ft/min
0.1 ft/min (<1000ft/min)
1 ft/min (>1000ft/min)
Surface
Speed
0.05 to 1999.9 m/min 0.01 m/min (<100m/min)
0.1 m/min (>100 m/min)
± (1% + 1d)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com