Electronic Components Datasheet Search
  English  ▼

X  

UCC5631A Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5631A
Description  Multimode SCSI 9 Line Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5631A Datasheet(HTML) 3 Page - Texas Instruments

  UCC5631A Datasheet HTML 1Page - Texas Instruments UCC5631A Datasheet HTML 2Page - Texas Instruments UCC5631A Datasheet HTML 3Page - Texas Instruments UCC5631A Datasheet HTML 4Page - Texas Instruments UCC5631A Datasheet HTML 5Page - Texas Instruments UCC5631A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UCC5631A
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 2.7V to 5.25V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
LVD Mode (No Load)
13
20
mA
SE Mode (No Load)
1.6
10
mA
Disabled
250
400
A
Regulator Section
REG Output Voltage (LVD Mode)
0.5V
≤ VCM ≤ 2.0V (Note1)
1.15
1.25
1.35
V
REG Output Voltage (SE Mode)
0V
≤ VL– ≤ 4.2V (Note2)
2.5
2.7
3.0
V
REG Short-Circuit Source Current
(LVD and SE Modes)
VREG= 0V
–800
–420
–225
mA
REG Short-Circuit Sink Current
(LVD and SE Modes)
VREG= 3.0V
100
180
800
mA
DIFSENS Output Section
Output Voltage
–5mA
≤ IDIFSENS ≤ 50µA
1.2
1.3
1.4
V
Short-Circuit Source Current
VDIFSENS = 0V
–15
–8
–5
mA
Short-Circuit Sink Current
VDIFSENS = 2.75V
50
80
200
µA
Differential Termination Section (Applies to each line pair, 1-9, in LVD mode)
Differential Impedance
100
105
110
Common Mode Impedance
L+ and L– shorted together. (Note 3)
110
140
165
Differential Bias Voltage
100
125
mV
Common Mode Bias Voltage
L+ and L– shorted together.
1.15
1.25
1.35
V
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
Single Ended Termination Section (Applies to each line pair, 1-9, in SE mode)
Impedance
(Note 5)
102.3
110
117.7
Termination Current
Signal Level 0.2V
–25.4
–21
mA
Signal Level 0.5V
–22.4
–18
mA
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
Single Ended GND Switch Impedance
I= 10mA
20
60
Disconnected Termination Section (Applies to each line pair, 1-9, in DISCNCT or HIPD mode)
Output Leakage
400
nA
Output Capacitance
Single ended measurement to ground. (Note 4)
3
pF
DISCNCT and DIFFB Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
VDISCNCT = 0V
–30
–10
– 3
A
DIFFB Single Ended to LVD Threshold
0.5
0.7
V
DIFFB LVD to HIPD Threshold
1.9
2.4
V
DIFFB Input Current
0V
≤ VDIFFB ≤ 2.75V
–1
1
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com