Electronic Components Datasheet Search
  English  ▼

X  

CL200 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # CL200
Description  Waterproof Total Residual Chlorine Tester
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CL200 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  CL200 Datasheet HTML 1Page - Extech Instruments Corporation. CL200 Datasheet HTML 2Page - Extech Instruments Corporation. CL200 Datasheet HTML 3Page - Extech Instruments Corporation. CL200 Datasheet HTML 4Page - Extech Instruments Corporation. CL200 Datasheet HTML 5Page - Extech Instruments Corporation. CL200 Datasheet HTML 6Page - Extech Instruments Corporation. CL200 Datasheet HTML 7Page - Extech Instruments Corporation. CL200 Datasheet HTML 8Page - Extech Instruments Corporation. CL200 Datasheet HTML 9Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CL200
V6.0 06/05
4
Getting Started
Equipment Required
A chlorine test requires a 20ml sample cup, a reagent tablet and the
CL200 with a chlorine electrode attached. The optional EX006 Weighted
base is a recommended accessory.
Battery Activation
An insulating tab is located in the battery compartment and prevents
battery drain during storage. It must be removed before use. Refer to the
battery replacement paragraph in the maintenance section.
Measurement Procedure
Sample Preparation:
1.
Place the test sample into the sample
cup up to the 20mL line.
2.
Drop one reagent tablet into the
sample, wait 10 seconds and then
shake or stir vigorously until it is
dissolved.
Measurement:
1.
Press the ON button and insert the electrode into
the sample.
2.
Stir the sample with the electrode for 5 to 10
seconds. The “HOLD” indicator will appear after
120 seconds.
Reading:
The value in the display is the total chlorine in ppm.
Note: After running a test, wipe the entire electrode
with a clean/dry paper towel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com