Electronic Components Datasheet Search
  English  ▼

X  

EX010 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX010
Description  ExStik II DO/pH/Conductivity Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX010 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX010 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6//08 - R1
User friendly kit economically
measures 6 parameters
Including Dissolved Oxygen, pH, Conductivity, TDS, Salinity, and Temperature
ExStik® II DO/pH/Conductivity Kit
Features:
• Convenient DO/pH/Conductivity Kit with
all the accessories and carrying case for easy travel
• Designed for water, wastewater, groundwater,
aquaculture and fisheries professionals
Kit includes:
• EC500 pH/Conductivity ExStik® II meter with
combination high accuracy multi-ranging Conductivity sensor
for Conductivity, TDS, Salinity, pH and Temperature measurements
• DO600 Dissolved Oxygen ExStik® II meter with electrode,
replacement membrane cap, and electrolyte
• Meters waterproof to IP57 standard
Accessories included:
• Sample pH buffers -
Single use pouches for pH4, pH7, pH10, and rinse solutions
• Weighted base with 2 cups and caps, four 3V CR-2032 batteries
and neckstrap with each meter, and carrying case
Patents Pending
Ordering Information:
DO610 ............ExStik® II DO/pH/Conductivity Kit
EX010 ............Extension Cable, 3ft (1 Meter) with probe weight for ExStik
EX050 ............Extension Cable, 16ft (5 Meters) with probe weight for ExStik
Specifications
Range
TDS/Salinity
0 to 99.9ppm (mg/L), 100 to 999ppm (mg/L) 1.0 to 9.99ppt (g/L)
pH
0.00 to 14.00pH
DO (saturation mode)
0 to 200.0%
DO (concentration mode)
0 to 20.00ppm (mg/L)
Temperature (pH, Conductivity)
23 to 194°F (-5 to 90°C)
Temperature (DO)
32 to 122°F (0 to 50°C)
DO (concentration mode)
0 to 20.00ppm (mg/L)
Automatic Temp Compensation
Yes
Max Resolution
DO600: 0.1%, 0.01ppm (mg/L)
EC500: 0.1µS, 0.01ppm (mg/L)
Basic Accuracy
DO600: ±2.0%FS, 0.4ppm (mg/L) ±1.8°F/1°C
EC500: ±2.0%FS, 0.01pH), ±1.8°F/1°C
Dimensions
9.5 x 6.8 x 2.8” (241 x 173 x 71mm)
Weight
1.56 lbs. (708g)


Similar Part No. - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX010 EXTECH-EX010 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
EX010 EXTECH-EX010 Datasheet
212Kb / 1P
ExStik Extension Cable w/Probe Guard/Weight
More results

Similar Description - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
EC410 EXTECH-EC410 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
PH100 EXTECH-PH100 Datasheet
149Kb / 8P
ExStik pH Waterproof Meters
PH150-C EXTECH-PH150-C Datasheet
234Kb / 1P
ExStik짰 Concrete pH Kit
PH300 EXTECH-PH300 Datasheet
216Kb / 1P
Waterproof pH/mV/Temperature Kit
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
ExStik짰 II DO/pH/Conductivity Kit
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com