Electronic Components Datasheet Search
  English  ▼

X  

UCC5638FQP Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5638FQP
Description  Multimode SCSI 15 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5638FQP Datasheet(HTML) 2 Page - Texas Instruments

  UCC5638FQP Datasheet HTML 1Page - Texas Instruments UCC5638FQP Datasheet HTML 2Page - Texas Instruments UCC5638FQP Datasheet HTML 3Page - Texas Instruments UCC5638FQP Datasheet HTML 4Page - Texas Instruments UCC5638FQP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5638
(TOP VIEW)
FQP Package
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 5V
Package Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Recommended Operating Conditions . . . . . . . . . 2.7V to 5.25V
Currents are positive into negative out of the specified terminal.
Note: Consult Packaging Section of Databook for thermal limi-
tations and considerations of package.
RECOMMENDED OPERATING CONDITIONS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.25V
Temperature Ranges . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
12
11
10
9
13
8
7
6
5
4
3
2
1
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46
45
44
43
42
41
40
39
38
37
L15+
L15–
TRMPWR
HS/GND
HS/GND
HS/GND
L1–
L1+
REG
HS/GND
HS/GND
HS/GND
L9–
L10+
L9+
DIFFSENS
DISCNCT
HS/GND
DIFFB
HS/GND
HS/GND
L8+
L8–
GND
HS/GND
HS/GND
HS/GND
L4+
L3–
L3+
L2–
L2+
L4–
L5+
L6+
L5–
L7+
L6–
L7–
L11+
L11–
L10–
L12–
L13+
L12+
L14+
L14–
L13–
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
LVD SCSI Mode
20
25
mA
SE SCSI Mode
1.6
10
mA
Disabled Terminator
250
400
A
Regulator Section
1.25V Regulator
LVD SCSI Mode
1.15
1.25
1.35
V
1.25V Regulator Source Current
VREG= 0V
–375
–700
–1000
mA
1.25V Regulator Sink Current
VREG= 3.3V
170
300
700
mA
1.3V Regulator
Diff Sense
1.2
1.3
1.4
V
1.3V Regulator Source Current
VREG= 0V
–15
–5
mA
1.3V Regulator Sink Current
VREG= 3.3V
50
200
A
2.7V Regulator
SE SCSI Mode
2.5
2.7
3.0
V
2.7V Regulator Source Current
VREG= 0V
–375
–700
–1000
mA
2.7V Regulator Sink Curren
VREG= 3.3V
170
300
700
mA
Differential Termination Section
Differential Impedance
100
105
110
Common Mode Impedence
(Note 2)
110
150
165
Differential Bias Voltage
100
125
mV
Common Mode Bias
1.15
1.25
1.35
V
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com