Electronic Components Datasheet Search
  English  ▼

X  

EC400 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EC400
Description  ExStik II Conductivity Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EC400 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EC400 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/17/08 - R1
Waterproof meter incorporates a highly accurate multi-ranging sensor that measures
four parameters - Conductivity, TDS, Salinity, and Temperature
WIth calibration standards, sample plastic cups and
carrying case included for easy travel
ExStik
® II Conductivity Kit
Features:
• Autoranging meter offers 3 ranges with 8 units of measure including
μS/cm, mS/cm, ppm, ppt, mg/L, g/L, °F, and °C
• Simultaneous display of Conductivity or TDS
plus Temperature and bargraph
• Memory stores up to 15 labeled readings
• Adjustable Conductivity to TDS ratio factor from 0.4 to 1.0
• Self calibration on power up
• Waterproof to IP57
• Large 3-1/2 digit (2000 count) Digital display
with analog bargraph to indicate sample trends
• Data Hold, Auto Power Off and low battery indication
• Automatic Temperature Compensation of 2% per °C
• Auto standard recognition for calibration
(84μS/cm, 1413μS/cm, and 12880μS/cm)
• Easy to replace Conductivity cell module
• Plastic sample cup and iron cast weighted base
allows for hands-free operation while holding up
the meter during measurement stage
• EC410 kit includes EC400 ExStik® Conductivity/TDS/ Salinity
Temperature Meter, with sensor, protective cap,
84μS/cm, 1413μS/cm and 12880μS/cm calibration standards
(30mL bottle each), weighted base, 3 sample plastic cups
with caps, four 3V CR-2032 batteries, 48" (1.2m) neckstrap,
and carrying case
Patents Pending
Specifications
Ranges
Max. Resolution
Basic Accuracy
Conductivity
0 to 199.9μS/cm
0.1μS/cm
±2% FS
200 to 1999μS/cm
1μS/cm
2.00 to 19.99mS/cm
0.01mS/cm
TDS
0 to 99.9ppm (mg/L)
0.1ppm (mg/L)
±2% FS
100 to 999ppm (mg/L)
1ppm (mg/L)
1.00 to 9.99ppt (g/L)
0.01ppt (g/L)
Salinity
0 to 99.9ppm (mg/L)
0.1ppm (mg/L)
±2% FS
100 to 999ppm (mg/L)
1ppm (mg/L)
1.00 to 9.99ppt (g/L)
0.01ppt (g/L)
Temperature
32° to 149°F (0° to 65°C)
0.1°
±1.8°F/1°C
Power
Four SR44W button batteries
Dimensions
Meter: 1.4 x 6.8 x 1.6" (36 x 173 x 41mm)
Kit:
9.5 x 6.8 x 2.8" (241 x 173 x 71mm)
Weight
Meter: 3.8 oz (110g)
Kit:
1.56 lbs (708g)
Ordering Information:
EC410 ............ExStik® Conductivity/TDS/Salinity Kit
EC400 ............ExStik® Conductivity/TDS/Salinity Meter
EC405 ............Spare Conductivity Cell
EC-84-P..........84μS Conductivity Standard (2 bottles - 1 pint each)
EC-1413-P......1413μS Conductivity Standard (2 bottles - 1 pint each)
EC-12880-P....12880μS Conductivity Standard (2 bottles - 1 pint each)
EX007 ............Spare sample solution cups (24pk)
EX010 ............Extension Cable, 3ft (1 Meter) with probe weight for ExStik
EX050 ............Extension Cable, 16ft (5 Meters) with probe weight for ExStik
*ExStik® Conductivity cell is not interchangeable with other ExStik® meters


Similar Part No. - EC400

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
logo
Vishay Siliconix
EC400-104 VISHAY-EC400-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC400-124 VISHAY-EC400-124 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC400-253 VISHAY-EC400-253 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC400-503 VISHAY-EC400-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC400

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
ExStik II DO/pH/Conductivity Kit
EX010 EXTECH-EX010 Datasheet
212Kb / 1P
ExStik Extension Cable w/Probe Guard/Weight
PH100 EXTECH-PH100 Datasheet
149Kb / 8P
ExStik pH Waterproof Meters
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
ExStik짰 II DO/pH/Conductivity Kit
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
logo
Nordic Semiconductor
NRF52-DK NORDIC-NRF52-DK Datasheet
5Mb / 24P
Power Profiler Kit II
2021-06-08 v1.0.1
logo
Endress+Hauser Group Se...
CLM223 EH-CLM223 Datasheet
869Kb / 20P
Conductivity/resistivity measurement
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com