Electronic Components Datasheet Search
  English  ▼

X  

EX010 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX010
Description  ExStik Extension Cable w/Probe Guard/Weight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX010 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX010 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
EX010 ............Extension Cable, 3ft (1 Meter) with probe weight for ExStik
EX050 ............Extension Cable, 16ft (5 Meter) with probe weight for ExStik
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
3/30/09 - R1
Features:
• Choice of 3ft (1m) or 16ft (5m) cable
with probe guard/weight
• Attach to any ExStik II meter for taking
measurements in difficult to reach area
• Rust-free metal weight helps keep electrode
submerged in liquid samples
• Probe guard protects the electrode
when bumped into objects
• Compatible with CL200, RE300, EC400, EC500,
and DO600 meters
• Complete with cable and probe guard/weight;
- Model EX010 comes with 3ft (1m) cable
- Model EX050 comes with 16ft (5m) cable
Used on ExStik and ExStik II meters
for measuring in solutions that are hard to reach
ExStik® Extension Cable w/Probe Guard/Weight
Extension cable and weight attached to
meter and electrode module


Similar Part No. - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX010 EXTECH-EX010 Datasheet
190Kb / 1P
ExStik II DO/pH/Conductivity Kit
EX010 EXTECH-EX010 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
More results

Similar Description - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EC410 EXTECH-EC410 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
PH100 EXTECH-PH100 Datasheet
149Kb / 8P
ExStik pH Waterproof Meters
logo
Assmann Electronics Inc...
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
PS2 EXTENSION CABLE
logo
Hubbell Incorporated.
C3090033 HUBBELL-C3090033 Datasheet
355Kb / 1P
Anchor, Tool, Probe extension only
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
CBL-IDMX6X-DB-J1-S-S30-N0 PF-CBL-IDMX6X-DB-J1-S-S30-N0 Datasheet
379Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S60-N0 PF-CBL-IDMX6X-DB-J1-S-S60-N0 Datasheet
379Kb / 1P
Serial extension cable
logo
Omega Engineering, Inc.
4KX20PP OMEGA-4KX20PP Datasheet
9Mb / 1P
Multipair Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com