Electronic Components Datasheet Search
  English  ▼

X  

EX320 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX320
Description  Compact MultiMeters Voltage Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX320 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX320 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
EX310 ................Mini Manual Ranging MultiMeter + Voltage Detector
EX310-NIST ......EX310 MultiMeter with NIST Certification
EX320 ................Mini Autoranging MultiMeter + Voltage Detector
EX320-NIST ......EX320 MultiMeter with NIST Certification
EX330 ................Mini Autoranging MultiMeter with Temp + Voltage Detector
EX330-NIST ......EX330 MultiMeter with NIST Certification
Specifications subject to change without notice.
Copyright © 2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
4/30/09 - R1
EX300 Series Features:
• 0.5% basic accuracy
• Built-in non-contact AC Voltage Detector with
red LED indicator and audible beeper
• Large 1” digits make it easy to read
• Low battery indicator
• Complete with stand, test leads, protective
holster, batteries, bead wire, temperature
probe (-22 to 572°F/-30 to 300°C)
(Model EX330)
Compact MultiMeters + Voltage Detector
Specifications
EX310
EX320
EX330
Display counts
2000
2000
4000
Basic Accuracy
0.5%
0.5%
0.5%
NC Voltage Detector
100 to 600VAC
100 to 600VAC
100 to 600VAC
DC Voltage
0.1mV to 600V
0.1mV to 600V
0.1mV to 600V
AC Voltage
0.1V to 600V
0.1mV to 600V
0.1mV to 600V
DC/AC Current
0.1mA to 10A
0.1μA to 10A
0.1μA to 10A
Resistance
0.1Ω to 2000kΩ
0.1Ω to 20MΩ
0.1Ω to 40MΩ
Capacitance
—
—
✓ 0.001nF to 200μF
Frequency
—
—
✓ 0.001Hz to 40MHz
Temperature (Type K)
—
—
✓ -4 to 1382°F
✓ (-20 to 750°C)
Duty Cycle
—
—
✓ 0.1 to 99.9%
Diode/Continuity
Yes
Yes
Yes
Dimensions
5.7x2.9x1.6"
5.7x2.9x1.6"
5.7x2.9x1.6"
(147x76X42mm)
(147x76X42mm)
(147x76X42mm)
Weight
9oz (260g)
9oz (260g)
9oz (260g)
Built-in Non-Contact Voltage Detector automatically detects
a live wire when the red LED is lit with audible beeper
Combination MultiMeters with Built-in
Non-Contact AC Voltage Detector
To quickly check for the presence of AC Voltage before testing
Model EX310
• Manual ranging
Model EX320
• Autoranging
• Max Hold: captures
highest reading
• Data Hold: freezes the display
• Auto Power Off: conserves
battery life
Model EX330
• Autoranging
• Data Hold: freezes the display
• Auto Power Off: conserves
battery life
• Type K Temperature
°F/°C switchable
• Capacitance
• Frequency
• Relative function


Similar Part No. - EX320

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX32900 AXIOMTEK-EX32900 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
EX32905 AXIOMTEK-EX32905 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
EX32908 AXIOMTEK-EX32908 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
EX32914 AXIOMTEK-EX32914 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
EX32917 AXIOMTEK-EX32917 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
More results

Similar Description - EX320

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7110U-07 HAMAMATSU-R7110U-07 Datasheet
22Kb / 2P
COMPACT HYBRID PHOTO-DETECTOR
R7110U-40 HAMAMATSU-R7110U-40 Datasheet
23Kb / 2P
COMPACT HYBRID PHOTO-DETECTOR
logo
Extech Instruments Corp...
EX310 EXTECH-EX310_15 Datasheet
281Kb / 1P
Compact MultiMeters Voltage Detector
EX330 EXTECH-EX330_15 Datasheet
281Kb / 1P
Compact MultiMeters Voltage Detector
MN42 EXTECH-MN42 Datasheet
344Kb / 1P
Compact Digital Multimeters NCV
MN47 EXTECH-MN47 Datasheet
344Kb / 1P
Compact Digital Multimeters NCV
MN15A EXTECH-MN15A_15 Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
MN16A EXTECH-MN16A Datasheet
298Kb / 1P
Compact Digital Mini MultiMeters
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com