Electronic Components Datasheet Search
  English  ▼

X  

BBS-2003 Datasheet(PDF) 13 Page - BOSER Technology Co., Ltd

Part # BBS-2003
Description  2U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2003 Datasheet(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button BBS-2003 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 12Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 13Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 14Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 15Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 16Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
7
Chapter 3
System Configuration
This chapter details the system parts and components with figures.
Sections include
System Major Parts
3.1 System Major Parts
Refer to the following diagrams to identify the major parts that make up
the BBS-2003. The frame and accessories of this computer are mainly
made of metals. The use of such mixture not only increases the
hardness and fireproof but also beautify the tinge and coating of the
finished unit.
3.1.1 Major Parts Description
1. System Fan: For sufficient airflow inside the system, two 5cm
system fan is installed on the power supply bracket to
dispense the system heat and stabilize the system during
operation.
2. Multi I/O Board: This is the peripheral port that comes in one
model. For BBS-2003, the port outlets include CRT, RJ-45,
two COM, two USB, keyboard and mouse. It also provides two
PCI expansion slots.
3. Power Supply: The power supply adapted in this computer is a
70W power that meets FCC/UL Class B specification.
4. Hard Disk Drive: This is the hard disk drive unit of the system.
5. System control board: System engine board used for BBS-2003
is BOSER’s HS-6237 or other half-size SBC.
6. Power Switch: This switch on front panel controls the system
power on/off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com