Electronic Components Datasheet Search
  English  ▼

X  

BPC-6169 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPC-6169
Description  15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6169 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPC-6169 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aluminum front panel design
15" TFT color panel display
Built-in OSD key, touch screen, HS-7260/HPS-4S or
HS-7005/HPCI-4S, 250W ATX P/S
Provides Intel
CoreTM 2 Duo/CoreTM Solo/P-4/C-D processor,
Function keys (optional)
Onboard graphics, dual GB ethernet controller
Standard PCI expansion slot x 3
3.5" HDD/FDD space x 2, 5.25" CD-ROM space x 1
8cm ball bearing cooling fan x 1
BPC-6169-I provides COM x 1, USB2.0 x 2, DVI-I display
BPC-6169-W provides COM x 3, USB2.0 x 4, Parallel
Features
BPC-6169-I
15" Panel PC w/TFT Panel, Touch Screen, HS-7260, HPS-4S
B/P, 250W ATX P/S
BPC-6169-W
15" Panel PC w/TFT Panel, Touch Screen, HS-7005, HPCI-4S
B/P, 250W ATX P/S
Accessory Options
Metal Stand, MainBoard, CPU, Memory Module, Function Keys,
HDD, FDD, CD-ROM
Ordering Guide
15" Panel PC
Industrial Panel PC
15" Industrial Panel PC with MainBoard, Expansion
slot x 3, Touch Screen, 250W ATX P/S
Dimensions
BPC-6169-W
System
SBC Model
HS-7005
CPU
Intel
CoreTM 2 Duo/Pentium
4/Celeron
D processor in the
LGA775 package
BIOS
AMI BIOS with 8Mb Flash EEPROM
System Chipset
Intel
Q965/ICH8-DO
System Memory
2 x 240-pin DIMM sockets up to 4GB DDR2 SDRAM
Display Chipset
Intel
Q965 integrated Intel
GMA 3000 Graphics
Ethernet Chipset
Dual Marvell 88E8053 10/100/1000 Mbps LAN
Drive Bay
2 x 3.5" HDD/FDD space
1 x 5.25" CD-ROM space
Watchdog Timer
Reset: 1 sec.~255 min. and 1 sec. or 1 min./step
Expansion
3 x Standard PCI expansion slot
Backplane
HPCI-4S backplane
I/O Interface
External I/O
COM x 3, AD Board VGA, USB2.0 x 4 (onboard x 2, external x 2),
Parallel
Rear I/O
BPC-6169-I
System
SBC Model
HS-7260
CPU
Intel
CoreTM 2 Duo/CoreTM Solo processor 1.66~2.33GHz
CoreTM 2 Duo: T5500, T5600, T7200, T7400, T7600
BIOS
Award PnP Flash BIOS
System Chipset
Intel
945GME/ICH7-M
System Memory
1 x 240-pin DIMM socket up to 2GB DDR2 SDRAM
Display Chipset
CRT: Intel
945GME integrated Intel
GMA950
DVI-I: Chrontel 7307
Ethernet Chipset
Dual Intel
82573 10/100/1000 Mbps LAN
Drive Bay
2 x 3.5" HDD/FDD space
1 x 5.25" CD-ROM space
Watchdog Timer
Software programmable time-out intervals from 1~255 sec.
Expansion
3 x Standard PCI expansion slot
Backplane
HPS-4S backplane
I/O Interface
External I/O
COM x 1, AD Board VGA, USB2.0 x 2
Rear I/O
BPC-6169
Panel & Touch Screen
LCD Size
15"
Max Resolution
1024 X 768 pixels
Brightness (cd/m2)
350 nit (Typ.) @ 6.5mA
Contrast Ratio
400:1
LCD Color
262,144 colors
Pixel Pitch (mm)
0.297 x 0.297
OSD
Provides OSD function
Touch Screen
15" resistive
Function Keys
Provides Function Keys (optional)
Mechanical & Environmental
Thermal System
8cm ball bearing cooling fan x 1
Front Panel Color
Black
Dimensions (LxHxW)
43.0 x 32.1 x 15.2 cm
Operation Temperature
0~+45 degrees C
Storage Temperature
-20~+70 degrees C
EMC
FCC/CE
Front Panel Protection
IP65 compliance
Power Supply
250W ATX power supply
Specifications
R
R
R
R
R
R
R
R
R
R
R
R
43.0
43.0
1.9
39.3
0.9
30.2
32.1
Left Side
Right Side
MainBoard Slot
PCI Expansion
ON/OFF
USB
Power In
COM
AD Board VGA
Left Side
Right Side
MainBoard Slot
PCI Expansion
ON/OFF
USB
Power In
COM
COM
COM
AD Board VGA
Parallel


Similar Part No. - BPC-6169

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6169 BOSER-BPC-6169 Datasheet
740Kb / 26P
15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
BPC-6169 BOSER-BPC-6169_1 Datasheet
740Kb / 26P
15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
More results

Similar Description - BPC-6169

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
BPC-6670 BOSER-BPC-6670 Datasheet
133Kb / 1P
15" Industrial Panel PC with one Expansion slot, 180W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-9215-C BOSER-BPC-9215-C Datasheet
624Kb / 1P
15 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9215-F BOSER-BPC-9215-F Datasheet
240Kb / 1P
15 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
BPC-9215-Q BOSER-BPC-9215-Q Datasheet
248Kb / 1P
15 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9315-Q BOSER-BPC-9315-Q Datasheet
241Kb / 1P
15 High Brightness Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com