Electronic Components Datasheet Search
  English  ▼

X  

BPC-6171 Datasheet(PDF) 5 Page - BOSER Technology Co., Ltd

Part # BPC-6171
Description  15??TFT Industrial Panel PC Supports Pentium 4, OSD, Function Keys & One Expansions Slots
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6171 Datasheet(HTML) 5 Page - BOSER Technology Co., Ltd

  BPC-6171 Datasheet HTML 1Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 2Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6171 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Life Expectancy of Constituent Parts
This section describes the life expectancy of constituent parts (backlight,
power supply, internal cooling fan and touch screen) which make up to
BPC-6171.
TFT Display Backlight
Display brightness decreases over time with use. The expected operating lifetime
of the backlight time to reach 50% initial brightness) is 30,000 hours (assuming
continuous lit state at 25 degrees C). Actual lifetime before replacement is about
30,000 hours, although this depends on operating conditions.
Power Supply
Assuming continuous use at 25 degrees C, the expected life of the power supply
is approximately 50,000 hours. This may be lower given use at higher
temperatures.
Internal Cooling Fan
The BPC-6171 is equipped with a built-in +12V cooling fan, the life expectancy of
this fan under continuous use is approximately 50,000 hours (average time
before the rate of rotation is reduced by approximately 30%). Although the rate of
rotation will continue to go down, the fan should not just suddenly stop.
Touch Screen
The operating lifetime of the touch screen is approximately 1 million operations
(as tested by mechanical manipulation under 100g of force at a rate of two
presses per second).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com