Electronic Components Datasheet Search
  English  ▼

X  

57LE Datasheet(PDF) 6 Page - DDK Ltd.

Part # 57LE
Description  Right Angle Solder Dip Connectors EMI/RFI Shielding Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57LE Datasheet(HTML) 6 Page - DDK Ltd.

  57LE Datasheet HTML 1Page - DDK Ltd. 57LE Datasheet HTML 2Page - DDK Ltd. 57LE Datasheet HTML 3Page - DDK Ltd. 57LE Datasheet HTML 4Page - DDK Ltd. 57LE Datasheet HTML 5Page - DDK Ltd. 57LE Datasheet HTML 6Page - DDK Ltd. 57LE Datasheet HTML 7Page - DDK Ltd. 57LE Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
●
  ●
57LE Series
Unit : mm
57LE-40360-□7□0(D12)-FA
NO.OF.CONTACTS 14, 24, 36, 50
With Ground Tab and
PAN-HEAD SCREW
57L-009
Ground Tab
2-M3 × 0.5T HREAD
4-R0.4 max.
F -0
+0.2
R
2-φ3.2
Hole
±0.1
2.159± 0.08
C± 0.08
11.52
B± 0.1
φ0.8
Hole
-0
+0.1
No. of
Contacts
B
F
14
36.00
35.30
24
46.78
46.08
36
59.74
59.04
50
74.85
74.15
No. of
Contacts
B
C
14
36.00
12.954
24
46.78
23.749
36
59.74
36.703
50
74.85
51.816
Thickness=1.6mm max.
■Panel Mounting Dimensions
■ P.C.B. Mounting Dimensions
(PCB thickness :1.6mm)
● Connector Rear mount Type
B± 0.1
The Dimension is 16.2
Max. When Mating with 57FE-10 Type Connector
+0.2
-0
6
S
57LE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com