Electronic Components Datasheet Search
  English  ▼

X  

EX612 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # EX612
Description  400Amp True RMS AC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX612 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button EX612 Datasheet HTML 6Page - Extech Instruments Corporation. EX612 Datasheet HTML 7Page - Extech Instruments Corporation. EX612 Datasheet HTML 8Page - Extech Instruments Corporation. EX612 Datasheet HTML 9Page - Extech Instruments Corporation. EX612 Datasheet HTML 10Page - Extech Instruments Corporation. EX612 Datasheet HTML 11Page - Extech Instruments Corporation. EX612 Datasheet HTML 12Page - Extech Instruments Corporation. EX612 Datasheet HTML 13Page - Extech Instruments Corporation. EX612 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EX612 V2.2 06/08
13
Function
Range
Resolution
Accuracy
(% of reading + digits)
40.000Hz
0.001Hz
±(0.3% + 3 digits)
400.00Hz
0.01Hz
4000.0Hz
0.1Hz
40.000kHz
0.001kHz
400.00kHz
0.01kHz
4000.0kHz
0.1kHz
40.000MHz
0.001MHz
±(0.3% + 2 digits)
100.00MHz
0.01MHz
Not specified
Frequency
(test leads)
Sensitivity: 5 to 5kHz; 0.8Vrms min., 5kHz to 150kHz; 5Vrms min
0.5% to 99.0%
0.1%
±(1.2% + 2 digits)
Duty Cycle
Pulse width: 100
μs to 100ms, Frequency: 5Hz to 150kHz
-58 to -4°F
-50 to -19°C
±13°F/7°C
-4 to 31°F
-20 to -1°C
±(1.0% + 2°F/1°C)
32°F
0°C
±2°F/1°C
33 to 211°F
1 to 100°C
±(1.0% + 2°F/1°C)
212 to 718°F
101 to 399°C
±(1.5% + 3°F/2°C)
719 to 1832°F
400 to 1000°C
0.1° <1000°
1° >1000°
±(2.5% + 7°F/4°C)
Temperature
Type K
Specification does not include probe accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com