Electronic Components Datasheet Search
  English  ▼

X  

IR201 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # IR201
Description  Pocket InfraRed Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

IR201 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  IR201 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IR201 V2.1 8/03
Support Hotline (781) 890-7440
Tech support: Ext. 200;
Email: support@extech.com
Repair/Returns: Ext. 210;
Email: repair@extech.com
Website: www.extech.com
User's Manual
Pocket InfraRed Thermometer
Model IR201
Introduction
Congratulations on your purchase of Extech’s IR201 Pocket InfraRed Thermometer. This device
allows the user to take non-contact temperature measurements simply by pointing the meter and
pressing a button. This meter, with proper care, will provide years of safe reliable service.
Specifications
General Specifications
Display
3 ½ -digit (2000 count) LCD display
Power off
Automatic shutoff after approx. 8 seconds
Laser power
Laser power less than 1mW (red)
Operating Temperature
32 to 122°F (0 to 50°C)
Operating Humidity
Max. 80% RH
Power Supply
2 x AAA battery
Weight
2.7 oz. / 76g
Size
3.7 x 2 x 1" (94 x 51 x 25 mm)
Range Specifications
Ranges(Resolution)
-58 to 518
oF/ -50 to 270°C (1oF/1°C)
Accuracy
-4º to 518ºF / -20 to 270ºC:
± (2.5% of reading + 3ºF or 2ºC)
-58º to -4ºF / -50 to -20ºC:
: ± 10ºF or 5ºC
Recommended
measuring distance
2” to 36” / 5cm to 91cm
Emissivity settings
0.95 fixed
Distance to Target
Ratio
6:1
IR Measurements
Taking Measurements
Point the meter toward the object being measured, then press and
hold the MEASURE button. The meter will turn ON and take a reading.
Read the measured temperature on the LCD. The meter turns off
automatically approximately 8 seconds after the MEASURE button is
released.
While pressing the MEASURE button:
Press the LASER button to turn on the laser pointer.
Press the MAX button to display and hold the highest reading. The
display will update with each higher reading.
The object being measured should be larger than the spot size as
illustrated in the distance to spot diagram.
Measurement considerations: If the surface of an object to be
measured is covered with frost, dust or other materials, surface
cleaning must be performed before accurate measurements can be
made. High Reflective Surfaces: If the surface of an object to be
measured is highly reflective with a very low emissivity value, apply
masking tape or apply flat black paint to the surface to raise to improve
the accuracy of the measurement.
Displaying °F or °C
Open the battery compartment, move the slide switch located in the
opening beneath the outermost battery
Battery Replacement
A flashing display indicates that the AAA batteries which power the meter
have weakened. Open the battery compartment on the rear of the meter,
replace the batteries and close the compartment.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free
of defects in parts and workmanship for one year from date of shipment (a six
month limited warranty applies on sensors and cables). If it should become
necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 for
authorization. A Return Authorization (RA) number must be issued before any
product is returned to Extech. The sender is responsible for shipping charges,
freight, insurance and proper packaging to prevent damage in transit.
This warranty does not apply to defects resulting from action of the user such as
misuse, improper wiring, operation outside of specification, improper
maintenance or repair, or unauthorized modification. Extech specifically
disclaims any implied warranties or merchantability or fitness for a specific
purpose and will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the product.
The warranty set forth above is inclusive and no other warranty, whether written
or oral, is expressed or implied.
Measure
MAX
Laser
LCD


Similar Part No. - IR201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2010 IRF-IR2010 Datasheet
227Kb / 16P
HIGH AND LOW SIDE DRIVER
IR2010PBF IRF-IR2010PBF Datasheet
337Kb / 17P
HIGH AND LOW SIDE DRIVER
IR2010PBF IRF-IR2010PBF Datasheet
2Mb / 20P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IR2010PBF INFINEON-IR2010PBF Datasheet
2Mb / 20P
High and Low Side Driver
April 14, 2015
logo
International Rectifier
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
Floating channel designed for bootstrap operation
More results

Similar Description - IR201

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
39272 EXTECH-39272 Datasheet
192Kb / 1P
Pocket Fold-up Thermometer
392085 EXTECH-392085 Datasheet
111Kb / 1P
Pocket Thermometer / Alarm
403265 EXTECH-403265 Datasheet
87Kb / 8P
Non-Contact Infrared Thermometer
IR100 EXTECH-IR100 Datasheet
61Kb / 1P
Pocket InfraRed Thermometer
IR205 EXTECH-IR205 Datasheet
187Kb / 1P
Pocket InfraRed Thermometer
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
logo
TT Electronics.
DS3104 TTELEC-DS3104 Datasheet
313Kb / 1P
CT Ratio Infrared Thermometer
logo
Fluke Corporation
572-2 FLUKE-572-2 Datasheet
981Kb / 28P
Infrared Thermometer
logo
Pepperl+Fuchs Inc.
EX-MP4A PF-EX-MP4A Datasheet
161Kb / 2P
Intrinsically safe infrared thermometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com