Electronic Components Datasheet Search
  English  ▼

X  

MA620 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # MA620
Description  600Amp AC True RMS Clamp Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA620 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  MA620 Datasheet HTML 1Page - Extech Instruments Corporation. MA620 Datasheet HTML 2Page - Extech Instruments Corporation. MA620 Datasheet HTML 3Page - Extech Instruments Corporation. MA620 Datasheet HTML 4Page - Extech Instruments Corporation. MA620 Datasheet HTML 5Page - Extech Instruments Corporation. MA620 Datasheet HTML 6Page - Extech Instruments Corporation. MA620 Datasheet HTML 7Page - Extech Instruments Corporation. MA620 Datasheet HTML 8Page - Extech Instruments Corporation. MA620 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MA620 V2.1 07/08
3
SAFETY NOTES
•
Do not exceed the maximum allowable input range of any function.
• Do not apply voltage to meter when resistance function is selected.
• Set the function switch OFF when the meter is not in use.
• Remove the battery if meter is to be stored for longer than 60 days.
WARNINGS
•
Set function switch to the appropriate position before measuring.
•
When measuring volts do not switch to current/resistance modes.
•
Do not measure current on a circuit whose voltage exceeds 600V.
•
When changing ranges always disconnect the test leads from the circuit under test.
CAUTIONS
•
Improper use of this meter can cause damage, shock, injury or death. Read and
understand this user manual before operating the meter.
•
Always remove the test leads before replacing the battery or fuses.
•
Inspect the condition of the test leads and the meter itself for any damage before
operating the meter. Repair or replace any damage before use.
•
Use great care when making measurements if the voltages are greater than 25VAC
rms or 35VDC. These voltages are considered a shock hazard.
•
Always discharge capacitors and remove power from the device under test before
performing Diode, Resistance or Continuity tests.
•
Voltage checks on electrical outlets can be difficult and misleading because of the
uncertainty of connection to the recessed electrical contacts. Other means should be
used to ensure that the terminals are not "live".
•
If the equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Function
Maximum Input
A AC
600A DC/AC
V DC, V AC
600V DC/AC
Resistance, Capacitance, Frequency, Diode Test
250V DC/AC
Type K Temperature
30V DC, 24V AC
250V DC/AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com