Electronic Components Datasheet Search
  English  ▼

X  

MA640 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # MA640
Description  600Amp AC/DC True RMS Clamp Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA640 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  MA640 Datasheet HTML 1Page - Extech Instruments Corporation. MA640 Datasheet HTML 2Page - Extech Instruments Corporation. MA640 Datasheet HTML 3Page - Extech Instruments Corporation. MA640 Datasheet HTML 4Page - Extech Instruments Corporation. MA640 Datasheet HTML 5Page - Extech Instruments Corporation. MA640 Datasheet HTML 6Page - Extech Instruments Corporation. MA640 Datasheet HTML 7Page - Extech Instruments Corporation. MA640 Datasheet HTML 8Page - Extech Instruments Corporation. MA640 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MA640 V2.1 07/08
4
Description
Meter Description
1.
Current clamp
2.
Clamp opening trigger
3.
Hx % Button
4.
MODE Button
5.
LCD Display
6.
Common Input jack
7.
NCV sensor
8.
NCV LED indicator
9.
HOLD/BACKLIGHT Button and FUNCTION switch
10. RANGE Button
11. MAX-MIN Button
12. RELATIVE Button
13. Battery compartment (rear)
14. Positive Input jack
Display icons Description
HOLD
Data Hold
AUTO
Autoranging
DC
Direct Current
AC
Alternating Current
MAX
Max reading
MIN
Min reading
Low battery
REL
Relative
V
Volts (Voltage)
Ω
Ohms (Resistance)
A
Amperes (Current)
F
Farad (Capacitance)
Hz
Hertz (Frequency)
%
Duty Ratio
oF and oC
Fahrenheit and Celsius units (Temperature)
n, m,
μ, M, k Unit of measure prefixes: nano, milli, micro, mega, and kilo
•)))
Continuity test
Diode test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com