Electronic Components Datasheet Search
  English  ▼

X  

ULQ2003 Datasheet(PDF) 6 Page - Texas Instruments

Part # ULQ2003
Description  DARLINGTON TRANSISTOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULQ2003 Datasheet(HTML) 6 Page - Texas Instruments

  ULQ2003 Datasheet HTML 1Page - Texas Instruments ULQ2003 Datasheet HTML 2Page - Texas Instruments ULQ2003 Datasheet HTML 3Page - Texas Instruments ULQ2003 Datasheet HTML 4Page - Texas Instruments ULQ2003 Datasheet HTML 5Page - Texas Instruments ULQ2003 Datasheet HTML 6Page - Texas Instruments ULQ2003 Datasheet HTML 7Page - Texas Instruments ULQ2003 Datasheet HTML 8Page - Texas Instruments ULQ2003 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ULQ2003A
DARLINGTON TRANSISTOR ARRAY
SLIS072 – DECEMBER 1996
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
Figure 10
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
(ONE DARLINGTON)
0
IC – Collector Current – mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
II = 250 µA
Figure 11
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) – Total Collector Current – mA
0
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
TOTAL COLLECTOR CURRENT
(TWO DARLINGTONS PARALLELED)
II = 250 µA
II = 350 µA
II = 500 µA
COLLECTOR CURRENT
vs
INPUT CURRENT
0
II – Input Current – µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com