Electronic Components Datasheet Search
  English  ▼

X  

MS460 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MS460
Description  60MHz 2-Channel Digital Oscilloscope
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MS460 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MS460 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MS460............20MHz Dual Channel Digital Oscilloscope
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/24/09 - R1
Features:
• 60MHz bandwidth
• Auto-set function optimizes the position, range, timebase, and triggering
to assure a stable display of virtually any waveform
• Peak Detect function for 50ns glitch capture
• XY Mode
• Five Automatic Measurements: Frequency, Cycle, Average, Peak to
Peak, RMS
• Waveform Math: Add, Subtract, Multiply, and Divide
• Average Mode for smoothing waveforms
• Persistence Mode for observing dynamic signals
• Autoscale automatically configures trigger mode, voltage division and
time scale according to type, amplitude and frequency of a signal
• Real Time Clock
• 6-Digit Frequency Counter (2Hz to 60MHz)
• Square Wave Output (5V, 1kHz) for probe adjustment
• Store and recall up to 4 waveform screens and setups
• USB interface and software for transferring waveforms and data
3.8" (97mm) color LCD display
Makes viewing multiple waveforms easy
60MHz 2-Channel Digital Oscilloscope
Specifications
Oscilloscope Functions
Display Size
3.8" (96mm) color LCD; 320 x 240 pixels
Bandwidth
60MHz
Real time sample rate
250MS/s
Risetime
17.5ns
Channels
2
Record Length
6K points per channel
Glitch Capture
50ns
Vertical Sensitivity
5mV to 5V/div
Vertical Resolution
8 bits
Timebase Range
5ns to 5s/div
Sample Mode
Sample, Average, Peak Detect
Trigger Modes
Free Run, Single Shot, Edge, Video
Trigger Source
CH1, CH2
Trigger Coupling
AC, DC
Input impedance
1M
Ω/20pF
Max Input Voltage
400V (peak)
Cursor Measurement
Voltage and time; Delta (CH1-CH2)
True RMS MultiMeter Functions
AC/DC Voltage
400mV, 4V, 40V, 400V
AC/DC Current
40mA, 300mA, 20A
Resistance
400
Ω, 4kΩ, 40kΩ, 400kΩ, 40MΩ
Capacitance
51.2nF to 100μF
Diode and Continuity
Yes
PC Interface
USB cable
Power Supply
6 hours Li-ion rechargeable battery; AC Adaptor/Charger
Dimensions/Weight
7 x 4.4 x 1.6" (180 x 113 x 40mm) / 24.3oz (690g)
A. Complete with two 1X/10X oscilloscope probes, test leads, Windows
® 95/98/NT/
2000/ME/XP compatible USB software and cable, capacitor measuring module,
adjustment screwdriver, AC adaptor/charger, and hard carrying case
B. Dual trace testing or troubleshooting of printed circuit boards and
electronic assemblies
C. Software PC screens display analog bargraph and graphical waveform
A
B
C


Similar Part No. - MS460

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS465PYA COILCRAFT-MS465PYA Datasheet
285Kb / 3P
High Reliability Power Inductors
More results

Similar Description - MS460

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
Handheld Digital Storage Oscilloscope & Multimeter
MS420 EXTECH-MS420 Datasheet
288Kb / 1P
20MHz 2-Channel Digital Oscilloscope
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
Digital Serial Analyzer Sampling Oscilloscope
logo
Extech Instruments Corp...
MS420 EXTECH-MS420_15 Datasheet
271Kb / 1P
20MHz 2-Channel Digital Oscilloscope
logo
Maxim Integrated Produc...
MAX5717 MAXIM-MAX5717 Datasheet
4Mb / 22P
Digital Oscilloscope
Rev 0; 6/16
logo
List of Unclassifed Man...
IDSO1070 ETC1-IDSO1070 Datasheet
3Mb / 76P
2CH Wlan Digital Storage Oscilloscope
logo
TEKTRONIX, INC.
TBS2000 TEKTRONIX-TBS2000 Datasheet
1Mb / 14P
Digital Storage Oscilloscope
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
logo
Good Will Instrument Co...
GDS-2000 GWINSTEK-GDS-2000 Datasheet
469Kb / 2P
200MHz/100MHz/60MHz Digital Storage Oscilloscope
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com