Electronic Components Datasheet Search
  English  ▼

X  

UC3825B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3825B
Description  High Speed PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3825B Datasheet(HTML) 1 Page - Texas Instruments

  UC3825B Datasheet HTML 1Page - Texas Instruments UC3825B Datasheet HTML 2Page - Texas Instruments UC3825B Datasheet HTML 3Page - Texas Instruments UC3825B Datasheet HTML 4Page - Texas Instruments UC3825B Datasheet HTML 5Page - Texas Instruments UC3825B Datasheet HTML 6Page - Texas Instruments UC3825B Datasheet HTML 7Page - Texas Instruments UC3825B Datasheet HTML 8Page - Texas Instruments UC3825B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
DESCRIPTION
The UC3823A & B and the UC3825A & B family of PWM control ICs are
improved versions of the standard UC3823 & UC3825 family. Performance
enhancements have been made to several of the circuit blocks. Error ampli-
fier gain bandwidth product is 12MHz while input offset voltage is 2mV. Cur-
rent limit threshold is guaranteed to a tolerance of 5%. Oscillator discharge
current is specified at 10mA for accurate dead time control. Frequency ac-
curacy is improved to 6%. Startup supply current, typically 100
µA, is ideal
for off-line applications. The output drivers are redesigned to actively sink
current during UVLO at no expense to the startup current specification. In
addition each output is capable of 2A peak currents during transitions.
Functional improvements have also been implemented in this family. The
UC3825 shutdown comparator is now a high-speed overcurrent comparator
with a threshold of 1.2V. The overcurrent comparator sets a latch that en-
sures full discharge of the soft start capacitor before allowing a restart.
While the fault latch is set, the outputs are in the low state. In the event of
continuous faults, the soft start capacitor is fully charged before discharge
to insure that the fault frequency does not exceed the designed soft start
period. The UC3825 Clock pin has become CLK/LEB. This pin combines
the functions of clock output and leading edge blanking adjustment and has
been buffered for easier interfacing.
(continued)
High Speed PWM Controller
FEATURES
• Improved versions of the
UC3823/UC3825 PWMs
• Compatible with Voltage or
Current-Mode Topologies
• Practical Operation at Switching
Frequencies to 1MHz
• 50ns Propagation Delay to Output
• High Current Dual Totem Pole
Outputs (2A Peak)
• Trimmed Oscillator Discharge Current
• Low 100µA Startup Current
• Pulse-by-Pulse Current Limiting
Comparator
• Latched Overcurrent Comparator With
Full Cycle Restart
SLUS334A - AUGUST 1995 - REVISED NOVEMBER 2000
BLOCK DIAGRAM
UDG-95101
* Note: 1823A,B Version Toggles Q and Q are always low
application
INFO
available


Similar Part No. - UC3825B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3825B TI-UC3825B Datasheet
303Kb / 15P
High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
456Kb / 9P
High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
483Kb / 18P
HIGH-SPEED PWM CONTROLLER
UC3825B TI1-UC3825B Datasheet
353Kb / 12P
HIGH-SPEED PWM CONTROLLER
UC3825B TI1-UC3825B Datasheet
936Kb / 19P
HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC3825B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823 TI-UC1823 Datasheet
409Kb / 7P
High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
High Speed PWM Controller
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
High Speed PWM Controller
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
HIGH SPEED PWM CONTROLLER
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com