Electronic Components Datasheet Search
  English  ▼

X  

PR20 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PR20
Description  Portable Thermal Printer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PR20 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PR20 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
PR20 ..............Portable Thermal Printer
757057 ..........Replacement Thermal Paper (5pk)
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/1/08 - R1
Features:
• For use with models:
- 380801/380803 Appliance Tester/Power Analyzer
- 380900 Dual Channel Datalogging TRMS MultiMeter
- 382085 Graphic Power Quality Analyzer Clamp
- 382095/382096 3-Phase Power and Harmonics Analyzer
- 382410 Graphic Power Analyzer with Flex Probe
- 407764 Datalogging Sound level Meter
- 407780 Integrating Sound Level Datalogger
- 451126 CFM/CMM Vane Anemometer Datalogger
- BT100 Battery Capacity Tester
• Prints text and graphics
• Two selectable fonts
• Programmable text header and footer
• Battery and AC powered
• Fixed interval continuous printing (5, 30, 60, 300 seconds)
• RS-232 interface
• Complete with software and cable, AC adaptor, eight AA
batteries and roll of paper
Compact, battery operated printer compatible
with Extech meters to print out data
Ideal for providing hard copy data anywhere
Portable Thermal Printer
The PR20 Portable Thermal Printer gives
you the means to document your pre- and
post reading calibrations and the target
noise source.
Specifications
Dots per Line:
8 (vertical) x 166 (horizontal)
Fonts:
5 x 7 and 10 x 15
Dot Pitch:
0.35mm (vertical), 0.28 (horizontal)
Character Size:
1.4 x 2.4mm (5 x 7), 2.8 x 4.6mm (10 x 15)
Characters per Line:
27 (5 x 7), 16 (10 x 15)
Printing Contrast:
Auto and user selectable
Printing Width:
46mm
Printing Speed:
0.8 lines/second
Paper Width:
2.24” (57mm)
Interface:
serial RS-232
Receiving Buffer:
9K bytes
Character set:
ASCII International
Graphics:
Bit Map
Batteries:
eight AA batteries
AC Power Adaptor:
12VDC
Dimensions:
3.7x5.3x2.16 (95x135x55mm)
Weight:
15.5oz (440g) including batteries


Similar Part No. - PR20

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR20 CML-PR20 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
PR20 EXTECH-PR20 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
logo
Visual Communications C...
PR20 VCC-PR20 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Lumins Inc.
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
More results

Similar Description - PR20

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
2??HIGH SPEED THERMAL PRINTER
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
2??HIGH SPEED THERMAL PRINTER
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
FUJITSU THERMAL PRINTER
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com