Electronic Components Datasheet Search
  English  ▼

X  

RC100 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # RC100
Description  R/C SMD Tweezers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RC100 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  RC100 Datasheet HTML 1Page - Extech Instruments Corporation. RC100 Datasheet HTML 2Page - Extech Instruments Corporation. RC100 Datasheet HTML 3Page - Extech Instruments Corporation. RC100 Datasheet HTML 4Page - Extech Instruments Corporation. RC100 Datasheet HTML 5Page - Extech Instruments Corporation. RC100 Datasheet HTML 6Page - Extech Instruments Corporation. RC100 Datasheet HTML 7Page - Extech Instruments Corporation. RC100 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Introduction
Congratulations on your purchase of the Extech RC100
SMD Tweezers. This device offers rapid and accurate
capacitance and resistance measurements of chip
components. This meter is shipped fully tested and
calibrated and, with proper use, will provide years of
reliable service.
Precautions and Safety measures
When using this meter, the user must observe all normal
safety rules
•
Allow a 30 seconds warm-up before use.
•
If the meter is used near noise generating
equipment the display may become unstable or
indicate large errors.
•
Do not use the meter if it appears damaged.
•
Use the meter only as specified in this manual;
otherwise, the protection provided by the meter may
be impaired.
•
Do not operate the meter near explosive gas, vapor,
or dust.
•
To avoid damages to the instrument, do not exceed
the maximum limits of the input values.
•
Caution: Don't use this device if working voltage is
above 50V DC or 36 V AC rms. Such voltages pose
a shock hazard and damage the meter
•
When using this meter, keep your fingers away from
the metal of the meter.
•
Before changing functions, disconnect the test clip
from the circuit under test.
•
Replace the battery when the
symbol
appears. With a low battery, the meter might
produce false readings.
Symbols:
Symbols used in this manual and on the meter:
Caution: refer to the instruction manual.
Incorrect use may result in damage to the
device or its components.
Conforms to IEC1010



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com