Electronic Components Datasheet Search
  English  ▼

X  

RF10 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # RF10
Description  Brix Refractometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RF10 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  RF10 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
User's Guide
Brix Refractometers
Models RF10 and RF15 (with ATC)
Introduction
Congratulations on your purchase of the Extech RF10 or RF15 Brix
Refractometer. Precision optical instruments should be handled gently;
avoid touching the optical surface. Careful use of these instruments will
provide years of reliable service.
Specifications
Range
0 to 32% Brix
Resolution
0.2%
Dimensions
RF10: 6.6 x 1.3 x 1.3" (168 x 32 x 32mm);
RF15: 6.3 x 1.4 x 1.4" (159 x 35 x 35mm)
Weight
RF10: 3.2 oz. (91g); RF15: 7 oz. (200g)
Description
1. Eyepiece
2. Mirror Tube
3. Adjustment screw
4. Cover Plate
5. Prism
Operation
This instrument measures the refractive index of a sample. The measurement
is displayed in % Brix.
1. Zero Adjustment
Cover the prism with distilled water (several drops will suffice). Close the
cover plate and rotate the adjustment screw until the light/dark boundary
(shadowline) lines up with the zero line. After the zero adjustment, clean
the prism with a soft cloth.
2. Sample Preparation and Reading
To take a sample reading, simply place a few drops of a sample liquid on
the measurement prism at the end of the instrument. Close the prism
cover plate so that the liquid spreads across the entire surface of the prism
without air bubbles or dry spots (see
diagram). Allow the sample to remain
on the prism for approximately 30
seconds.
While holding the instrument under a
light source, look through the
eyepiece. The sucrose concentration
is determined by the intersection of
the boundary of the light and dark
fields (known as the shadowline) on
the printed scale. If the scale appears out of focus, the eyepiece may be
adjusted by rotating the knurled portion of the eyepiece. The instrument
also features an eye-guard to prevent stray light from entering the
eyepiece and causing reflections.
It may be necessary to adjust the position of the light source to maximize
the contrast of the shadowline. Under normal conditions, optimal contrast
is obtained by holding the instrument underneath and perpendicular to a
light source.
Once a reading has been taken, wipe dry with a clean cloth (do not wash
or rinse) and place the instrument in the supplied plastic case. Store the
instrument in a safe, dry environment.
Note: The Distilled water temperature, used for zero adjustment, and the
sample liquid temperature should be the same. If the temperature of the
samples fluctuates, zero the refractometer every 30 minutes (RF10 only).
3. Temperature Compensation
(RF15 has Auto Temp. Comp.)
Temperature is one of the single most important factors influencing
accurate refractometer readings and is one of the largest sources of
measurement error. Temperature compensation relieves the user of the
responsibility to measure temperature and apply a correction factor when
taking readings. The RF15 makes this correction automatically. When
ambient temperature strays from 68°F (20°C), readings are automatically
adjusted to compensate for temperature variance between 50°F to 86°F
(10°C to 30°C).
The RF10 Refractometer has been designed for use with a 20°C standard
temperature. Therefore, if the temperature of the measurement deviates
from 20°C, the reading must be manually compensated in accordance
with the Temperature Compensation Table below.
Example: A reading of 20% at 28°C is compensated thusly: 20% +
0.62%=20.62%.
Copyright © 2005 Extech Instruments Corporation.
All rights reserved including the right of reproduction in whole or in part in any form.
Temperature Compensation Table (Referenced To 20
OC)
%
5
10
15
20
25
30
35
40
45
50
55
60
65
70
o
C
Subtract the following from the measurement
10
0.58 0.59 0.61 0.64 0.67 0.69 0.71 0.72 0.74 0.74 0.74 0.75 0.76 0.77
11
0.51 0.54 0.55 0.58 0.61 0.63 0.65 0.65 0.67 0.67 0.67 0.68 0.68 0.69
12
0.47 0.49 0.50 0.52 0.55 0.57 0.58 0.58 0.60 0.60 0.60 0.60 0.61 0.61
13
0.42 0.44 0.44 0.45 0.49 0.50 0.51 0.51 0.53 0.53 0.53 0.53 0.53 0.53
14
0.37 0.38 0.39 0.40 0.42 0.43 0.44 0.44 0.45 0.45 0.45 0.45 0.45 0.46
15
0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.37 0.38 0.38 0.38 0.38 0.38 0.38
16
0.25 0.26 0.27 0.28 0.28 0.29 0.30 0.30 0.30 0.31 0.31 0.31 0.31 0.31
17
0.19 0.20 '0.20 0.21 0.21 0.22 0.22 0.23 0.23 0.23 0.23 0.23 0.23 0.23
18
0.13 0.13 0.14 0.14 0.14 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15
19
0.06 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08
Add the following to the measurement
21
0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08
22
0.14 0.14 0.14 0.14 0.15 0.15 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.15
23
0.21 0.21 0.22 0.22 0.23 0.23 0.23 0.23 0.24 0.24 0.24 0.24 0.23 0.22
24
0.28 0.29 0.29 0.30 0.30 0.31 0.31 0.31 0.31 0.31 0.32 0.32 0.31 0.31
25
0.35 0.36 0.37 0.38 0.38 0.39 0.39 0.40 0.40 0.40 0.40 0.40 0.39 0.39
26
0.43 0.44 0.44 0.46 0.46 0.47 0.47 0.48 0.48 0.48 0.48 0.48 0.47 0.47
27
0.51 0.52 0.53 0.54 0.55 0.55 0.56 0.56 0.56 0.56 0.56 0.56 0.55 0.55
28
0.59 0.60 0.61 0.62 0.63 0.64 0.64 0.65 0.65 0.64 0.64 0.64 0.64 0.63
29
0.67 0.68 0.69 0.70 0.71 0.72 0.73 0.73 0.73 0.73 0.73 0.72 0.72 0.71
30
0.75 0.77 0.78 0.79 '0.80 '0.81 0.81 0.81 0.82 0.81 0.81 0.81 0.80 0.79
Source: International Commission for Uniform Methods of Sugar Analysis (1966)
International Brix% Scale
Brix to Refractive Index (nD) Conversion Table
%
nD
%
nD
%
nD
%
nD
%
nD
%
nD
0
1.333
15
1.3557
30 1.3811
45
1.4097
60 1.4419
75
1.4778
1
1.3344
16
1.3573
31 1.3829
46
1.4118
61 1.4442
76
1.4804
2
1.3359
17
1.3589
32 1.3847
47
1.4138
62 1.4464
77
1.4829
3
1.3373
18
1.3605
33 1.3866
48
1.4159
63 1.4488
78
1.4855
4
1.3388
19
1.3622
34 1.3884
49
1.418
64 1.4511
79
1.4881
5
1.3403
20
1.3638
35 1.3903
50
1.42
65 1.4534
80
1.4907
6
1.3418
21
1.3655
36 1.3922
51
1.4222
66 1.4558
81
1.4933
7
1.3433
22
1.3672
37 1.3941
52
1.4243
67 1.4582
82
1.496
8
1.3448
23
1.3689
38
1.396
53
1.4264
68 1.4606
83
1.4987
9
1.3463
24
1.3706
39 1.3979
54
1.4286
69
1.463
84
1.5014
10 1.3478
25
1.3723
40 1.3998
55
1.4308
70 1.4654
85
1.5041
11 1.3494
26
1.374
41 1.4018
56
1.4329
71 1.4678
86
1.5068
12 1.3509
27
1.3758
42 1.4037
57
1.4352
72 1.4703
87
1.5096
13 1.3525
28
1.3776
43 1.4057
58
1.4374
73 1.4728
88
1.5123
14 1.3541
29
1.3793
44 1.4077
59
1.4396
74 1.4753
89
1.5151
Source: International Sugar Analysis Committee
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for one year from date of shipment (a six month limited warranty applies on sensors and
cables). If it should become necessary to return the instrument for service during or beyond the
warranty period, contact the Customer Service Department at (781) 890-7440 ext. 210 for
authorization or visit our website at www.extech.com (click on ‘Contact Extech’ and go to ‘Service
Department’ to request an RA number). A Return Authorization (RA) number must be issued before
any product is returned to Extech. The sender is responsible for shipping charges, freight, insurance
and proper packaging to prevent damage in transit. This warranty does not apply to defects resulting
from action of the user such as misuse, improper wiring, operation outside of specification, improper
maintenance or repair, or unauthorized modification. Extech specifically disclaims any implied
warranties or merchantability or fitness for a specific purpose and will not be liable for any direct,
indirect, incidental or consequential damages. Extech's total liability is limited to repair or replacement
of the product. The warranty set forth above is inclusive and no other warranty, whether written or oral,
is expressed or implied.
Manual Version No. 2.1
November 2005
Bad
Bad
Good
1
2
3
4
5


Similar Part No. - RF10

ManufacturerPart #DatasheetDescription
logo
Mersen
RF10/RL10 MERSEN-RF10/RL10 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Teledyne Technologies I...
RF100-12 TELEDYNE-RF100-12 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
logo
Mersen
RF100/RL100 MERSEN-RF100/RL100 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
More results

Similar Description - RF10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
Brix Refractometer
RF10 EXTECH-RF10_15 Datasheet
291Kb / 1P
Portable Refractometers
RF11 EXTECH-RF11 Datasheet
291Kb / 1P
Portable Refractometers
RF12 EXTECH-RF12_15 Datasheet
291Kb / 1P
Portable Refractometers
RF16 EXTECH-RF16 Datasheet
291Kb / 1P
Portable Refractometers
RF18 EXTECH-RF18_15 Datasheet
291Kb / 1P
Portable Refractometers
RF20 EXTECH-RF20_15 Datasheet
291Kb / 1P
Portable Refractometers
RF40 EXTECH-RF40_15 Datasheet
291Kb / 1P
Portable Refractometers
RF41 EXTECH-RF41 Datasheet
291Kb / 1P
Portable Refractometers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com