Electronic Components Datasheet Search
  English  ▼

X  

RH490 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # RH490
Description  Precision Hygro-Thermometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH490 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

  RH490 Datasheet HTML 1Page - Extech Instruments Corporation. RH490 Datasheet HTML 2Page - Extech Instruments Corporation. RH490 Datasheet HTML 3Page - Extech Instruments Corporation. RH490 Datasheet HTML 4Page - Extech Instruments Corporation. RH490 Datasheet HTML 5Page - Extech Instruments Corporation. RH490 Datasheet HTML 6Page - Extech Instruments Corporation. RH490 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RH490 V2.0 12/06
7
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Specifications
Function
Range and Resolution
Accuracy
Humidity
0.0 to 10.0%RH
±3%RH
10.0 to 90.0%RH
±2%RH
90.0 to 100.0%RH
±3%RH
Temperature
-22.0 to – 3.9
oF
-30.0 to -19.9
oC
±2.7
oF
±1.5
oC
-4.0 to 158.0
oF
-20.0 to 70.0
oC
±1.8
oF
±1
oC
158.1 to 199.0
oF
70.1 to 100.0
oC
±2.7
oF
±1.5
oC
Wet Bulb
32 to 176°F (0 to 80°C)
Calculated from RH and air
temperature measurements
Dew Point
-22 to 199°F (-30 to 100°C)
Mixing Ratio
0 to 1120 GPP (grains per pound)
0 to 160 g/kg (grams per kilogram)
Display
Dual LCD
Response Time:
<30 seconds (90% of final value in moving air)
Operating Conditions 32 to 122
oF (0 to 50oC); < 80% RH non-condensing
Storage Conditions
-40 to 185
oF (-40 to 85oC); <99% RH non-condensing
Power Supply
9 Volt battery
Battery Life
Approx. 24 hours
Dimensions / Weight 7.8 x 1.7 x 1.3” (200 x 45 x 33mm); 7 oz. (200g)
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech
also provides NIST certification for most products. Call the Customer Service
Department for information on calibration services available for this product.
Extech recommends that annual calibrations be performed to verify meter
performance and accuracy.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com