Electronic Components Datasheet Search
  English  ▼

X  

TK430 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TK430
Description  Plant maintenance, HVAC or electrical technician?셲 Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TK430 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TK430 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
TK430 ............Electrical Test Kit (including MultiMeter and Clamp Meter)
480172 ..........AC Line Splitter
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/26/08 - R2
Kit Includes:
• EX430 Autoranging True RMS MultiMeter
with 11 functions including Capacitance,
Frequency and Temperature
• Model MA200 400A Clamp Meter with basic
AC Current and 1mA resolution
• Model 40130 Non-Contact Voltage Detector
detects AC Voltage from 100VAC to 600VAC
without touching the source
• Set of CAT III-1000V test leads
• Type K thermocouple bead probe and
Type K to Banana Input Adaptor
• Supplied in an attractive storage case that
provides protection and organization for the
meters whenever they are needed
• Dimensions: 9.5x6.8x2.8" (241x173x71mm)
Plant maintenance, HVAC or electrical technician’s Kit
Assembled to provide all the electrical testing needs for installation and repair of electrical
systems, HVAC equipment and large appliances
Electrical Test Kit
Accurate True RMS Voltage measurements on
distorted waveforms
Save
$68!


Similar Part No. - TK430

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK430-IR EXTECH-TK430-IR Datasheet
586Kb / 1P
Industrial Troubleshooting Kit with IR
logo
Toshiba Semiconductor
TK430A60F TOSHIBA-TK430A60F Datasheet
399Kb / 10P
MOSFETs Silicon N-Channel MOS
2018-11-20 Rev.1.0
logo
Extech Instruments Corp...
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
More results

Similar Description - TK430

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK30 EXTECH-TK30 Datasheet
53Kb / 1P
Electrical/HVAC MultiMeter Test Kits
TK32 EXTECH-TK32 Datasheet
122Kb / 3P
True RMS Professional Electrical HVAC Current Clamp Meter Test Kit
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
Basic Electrical HVAC Current Clamp Meter Test Kit
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO280-RK-I5 EXTECH-MO280-RK-I5 Datasheet
408Kb / 1P
Thermal Imaging Technician?셲 Kit
MO280-RK-I7 EXTECH-MO280-RK-I7 Datasheet
377Kb / 1P
Thermal Imaging Technician?셲 Kit
TK430 EXTECH-TK430_15 Datasheet
547Kb / 1P
Electrical Test Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
logo
SparkFun Electronics
TOL-14899 SPARKFUN-TOL-14899 Datasheet
94Kb / 1P
Shapeoko Maintenance Kit
9??0??8
logo
Advantech Co., Ltd.
BB-WSK-HAC-2 ADVANTECH-BB-WSK-HAC-2 Datasheet
411Kb / 2P
Wzzard??HVAC Monitoring Starter Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com