Electronic Components Datasheet Search
  English  ▼

X  

TP200 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TP200
Description  Type K Pipe Clamp Temperature Probe
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TP200 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TP200 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
TP200
............Type K Pipe Clamp Temperature Probe
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/1/08 - R1
Features:
• Spring-loaded jaw for secure grip on pipes
from 0.25" (6.35mm) to 1.5" (38mm) diameter
• For use with any Thermometer or MultiMeter
with a Type K thermocouple input
• Measurement range: -4 to 200°F (-20 to 93°C)
• Accuracy: ±3.6°F (1.8°C)
• Complete with attached 36" (0.9m) cable and
Type K connector
Hands-free superheat/subcooling
temperature measurement
without the use of tape or Velcro
®
Type K Pipe Clamp Temperature Probe


Similar Part No. - TP200

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TP200 LUMINIS-TP200 Datasheet
23Kb / 1P
Wall mount
logo
Topstek Inc.
TP200A TOPSTEK-TP200A Datasheet
106Kb / 2P
Topstek Current Transducers
logo
Toppower Electronic Tec...
TP200DH TOPPOWER-TP200DH Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP200DH TOPPOWER-TP200DH Datasheet
780Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP200DH48S05 TOPPOWER-TP200DH48S05 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
List of Unclassifed Man...
SPN-12 ETC2-SPN-12 Datasheet
117Kb / 2P
Clamp Pipe
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400_15 Datasheet
155Kb / 1P
High Temperature Type K Pipe Clamp
logo
Turck, Inc.
TP-103A-G18-H1141-L024 TURCK-TP-103A-G18-H1141-L024 Datasheet
152Kb / 1P
Temperature measurement Probe
TP-203A-CF-H1141-L100 TURCK-TP-203A-CF-H1141-L100 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-203A-CF-H1141-L150 TURCK-TP-203A-CF-H1141-L150 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L100 TURCK-TP-206A-CF-H1141-L100 Datasheet
275Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L150 TURCK-TP-206A-CF-H1141-L150 Datasheet
275Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L300 TURCK-TP-206A-CF-H1141-L300 Datasheet
275Kb / 2P
Temperature measurement Probe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com