Electronic Components Datasheet Search
  English  ▼

X  

BF421 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BF421
Description  High Voltage Transistors(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF421 Datasheet(HTML) 2 Page - Motorola, Inc

  BF421 Datasheet HTML 1Page - Motorola, Inc BF421 Datasheet HTML 2Page - Motorola, Inc BF421 Datasheet HTML 3Page - Motorola, Inc BF421 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF421 BF423
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –25 mA, VCE = –20 Vdc)
BF421
BF423
hFE
50
50
—
—
—
Collector – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VCE(sat)
—
–0.5
Vdc
Base – Emitter Saturation Voltage
(IC = –20 mA, IB = –2.0 mA)
VBE(sat)
—
–2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –10 Vdc, f = 20 MHz)
fT
60
—
MHz
Common Emitter Feedback Capacitance
(VCB = –30 Vdc, IE = 0, f = 1.0 MHz)
Cre
—
2.8
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com