Electronic Components Datasheet Search
  English  ▼

X  

HS-2604 Datasheet(PDF) 18 Page - BOSER Technology Co., Ltd

Part # HS-2604
Description  EDEN Embedded Engine Board
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2604 Datasheet(HTML) 18 Page - BOSER Technology Co., Ltd

Back Button HS-2604 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 22Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
12
2. Insert the screwdriver’s flat head into a gap on either end of the
socket. Do not insert the screwdriver head on either side where
the pins are located. Doing so might damage the pins in the
process.
3. Slowly lift the screwdriver handle upwards. This will disengage
the module from its socket.
NOTE:
If you encounter difficulty removing your DiskOnChip
module,
please consult a qualified technician or engineer to remove it for
you.
3.8
VGA Controller
The HS-2604 provides three connection methods of a VGA device.
CN21 offers a single standard CRT connector (5x2 header) while
CN20 is the 50-pin panel connector and CN22 is the LVDS interface
connector onboard reserved for flat panel installation.
CN21: CRT Connector (5x2 header)
PIN Description PIN Description
1
Red
2
GND
3
Green
4
GND
5
Blue
6
GND
7
HSYNC
8
SDA
9
VSYNC
10
SCL
2
4
6
8
10
1
3
5
7
9
GND
GND
GND
SCL
SDA
Red
Green
Blue
VSYNC
HSYNC
CN22: LVDS Interface Connector
PIN Description PIN Description
1
VCC3
2
VCC3
3
Y0
4
Y1
5
Y2
6
Y3
7
Y4
8
Y5
9
Y6
10
Y7
11
GND
12
GND
12
12
11
VCC3
Y0
Y2
Y4
Y6
GND
VCC3
Y1
Y3
Y5
Y7
GND
NOTE:
LVDS cable should be produced very carefully. Y1 & Y2 have to be
fabricated in twister pair (Y2 & Y3, Y4 & Y5, Y6 & Y7 and so on)
otherwise the signal won’t be stable. Please set the proper voltage
of your panel using JP7 before proceeding on installing it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com