Electronic Components Datasheet Search
  English  ▼

X  

HS-3000/4M Datasheet(PDF) 27 Page - BOSER Technology Co., Ltd

Part # HS-3000/4M
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000/4M Datasheet(HTML) 27 Page - BOSER Technology Co., Ltd

Back Button HS-3000/4M Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 25Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-3000/4M Datasheet HTML 31Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
21
3.12 Parallel Connector
A standard 26-pin flat cable driver connector provides as CN2 with
following pin assignment for connection to parallel printer.
CN2: Parallel Connector
PIN
Description
PIN
Description
1
STROBE
14
Auto Form Feed
2
DATA 0
15
ERROR#
3
DATA 1
16
Initialize
4
DATA 2
17
Printer Select LN#
5
DATA 3
18
GND
6
DATA 4
19
GND
7
DATA 5
20
GND
8
DATA 6
21
GND
9
DATA 7
22
GND
10
Acknowledge
23
GND
11
Busy
24
GND
12
Paper Empty
25
GND
13
Printer Select
26
GND
1
14
26
13
3.13 Power and LED Connectors
The following provides the pin information for CN1 4-pin power
connector, CN3 reset button connector, CN4 power LED and keylock
connector, and CN6 is IDE LED.
CN1: 4-pin Power Connector
PIN
Description
1
VCC
2
GND
3
GND
4
+12V
CN3: Reset Button Connector
PIN
Description
1
Reset Signal
2
GND
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com