Electronic Components Datasheet Search
  English  ▼

X  

K11044TL Datasheet(PDF) 5 Page - TOKO, Inc

Part # K11044TL
Description  TEMPERATURE SENSOR IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

K11044TL Datasheet(HTML) 5 Page - TOKO, Inc

  K11044TL Datasheet HTML 1Page - TOKO, Inc K11044TL Datasheet HTML 2Page - TOKO, Inc K11044TL Datasheet HTML 3Page - TOKO, Inc K11044TL Datasheet HTML 4Page - TOKO, Inc K11044TL Datasheet HTML 5Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
May, 1998 TOKO, Inc.
Page 5
TK11044
ADVANCED INFORMATION
SOT 23L-6
Marking Information
Marking
TK11044
44C
IC-???-TK11044
PACKAGE OUTLINE
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of
its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other
rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
TOKO AMERICA REGIONAL OFFICES
http://www.ictoko.com
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, Il 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Western Regional Office
Toko America, Inc.
2480 North First Street, Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375
© 1998 Toko, Inc.
All rights reserved
Printed in the USA
0.95
0.95
0.32
e
e
M
0.1
3.5
3.3
2.2
0.4
0.95
0.95
e
e
0.6
Recommended Mount Pad
123
4
5
6
marking
+0.15
- 0.05
+0.3
- 0.1
+ 0.3
(3.4)
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
5 PL
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com