Electronic Components Datasheet Search
  English  ▼

X  

CDH50 Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # CDH50
Description  SMD Power Inductors Unshielded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH50 Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  CDH50 Datasheet HTML 1Page - PREMO CORPORATION S.L CDH50 Datasheet HTML 2Page - PREMO CORPORATION S.L CDH50 Datasheet HTML 3Page - PREMO CORPORATION S.L CDH50 Datasheet HTML 4Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDH50
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation
2
5. Electrical Characteristics
CDH50 (2.2µH – 470µH)
Test Freq.
RDC
(Ω)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
typ.
max.
Irms
(mA)
∆T=40ºC
typ.
Isat
(mA)
∆L/L0A=10%
typ.
CDH50 – 2R2M
2.2±20%
35
100
7.96
70.0
0.032
0.043
2600
2400
CDH50 – 3R3M
3.3±20%
32
100
7.96
40.0
0.043
0.058
2300
2000
CDH50 – 4R7M
4.7±20%
25
100
7.96
30.0
0.050
0.068
2100
1800
CDH50 – 100M
10.0±20%
32
100
2.52
26.0
0.110
0.145
1500
1150
CDH50 – 220M
22.0±20%
30
100
2.52
13.0
0.250
0.315
950
800
CDH50 – 330M
33.0±20%
28
100
2.52
10.0
0.400
0.500
700
650
CDH50 – 470M
47.0±20%
26
100
2.52
7.0
0.525
0.660
580
550
CDH50 – 101K
100.0±10%
40
100
0.796
6.5
1.000
1.250
430
370
CDH50 – 221K
220.0±10%
40
100
0.796
4.0
2.200
2.750
290
270
CDH50 – 331K
330.0±10%
40
100
0.796
3.5
3.250
4.050
230
210
CDH50 – 471K
470.0±10%
40
100
0.796
3.2
5.200
6.500
200
170
[Inductance tested at 0.1V]
6. Curve
Inductance VS. IDC
CDH50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com