Electronic Components Datasheet Search
  English  ▼

X  

SHC Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # SHC
Description  SMD Power Inductors Shielded
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SHC Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  SHC Datasheet HTML 1Page - PREMO CORPORATION S.L SHC Datasheet HTML 2Page - PREMO CORPORATION S.L SHC Datasheet HTML 3Page - PREMO CORPORATION S.L SHC Datasheet HTML 4Page - PREMO CORPORATION S.L SHC Datasheet HTML 5Page - PREMO CORPORATION S.L SHC Datasheet HTML 6Page - PREMO CORPORATION S.L SHC Datasheet HTML 7Page - PREMO CORPORATION S.L SHC Datasheet HTML 8Page - PREMO CORPORATION S.L SHC Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SHA , SHB , SHC & PS1260
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
SHC (2.5µH – 1500µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(KHz)
RDC
(mΩ)
max.
IDC
(A)
max.
SHC – 2R5M
2.50±20%
1
11.4
7.80
SHC – 4R5M
4.50±20%
1
14.0
6.80
SHC – 6R5M
6.50±20%
1
18.0
6.50
SHC – 100M
10.0±20%
1
21.0
5.40
SHC – 120M
12.0±20%
1
25.0
4.90
SHC – 150M
15.0±20%
1
36.0
4.50
SHC – 180M
18.0±20%
1
40.0
3.90
SHC – 220M
22.0±20%
1
43.0
3.60
SHC – 270M
27.0±20%
1
48.0
3.40
SHC – 330L
33.0±15%
1
62.0
3.00
SHC – 390L
39.0±15%
1
76.0
2.70
SHC – 470L
47.0±15%
1
85.0
2.50
SHC – 560L
56.0±15%
1
110.0
2.30
SHC – 680L
68.0±15%
1
135.0
2.10
SHC – 820L
82.0±15%
1
150.0
1.90
SHC – 101L
100.0±15%
1
170.0
1.70
SHC – 121L
120.0±15%
1
190.0
1.50
SHC – 151L
150.0±15%
1
240.0
1.40
SHC – 181L
180.0±15%
1
270.0
1.30
SHC – 221K
220.0±10%
1
380.0
1.10
SHC – 271K
270.0±10%
1
400.0
1.00
SHC – 331K
330.0±10%
1
650.0
0.90
SHC – 391K
390.0±10%
1
670.0
0.85
SHC – 471K
470.0±10%
1
850.0
0.80
SHC – 561K
560.0±10%
1
900.0
0.70
SHC – 681K
680.0±10%
1
1000.0
0.65
SHC – 821K
820.0±10%
1
1150.0
0.60
SHC – 102K
1000.0±10%
1
1650.0
0.55
SHC – 122K
1200.0±10%
1
2000.0
0.40
SHC – 152K
1500.0±10%
1
2350.0
0.36



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com