Electronic Components Datasheet Search
  English  ▼

X  

APT100GT60LR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT100GT60LR
Description  Thunderbolt IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT60LR Datasheet(HTML) 4 Page - Microsemi Corporation

  APT100GT60LR Datasheet HTML 1Page - Microsemi Corporation APT100GT60LR Datasheet HTML 2Page - Microsemi Corporation APT100GT60LR Datasheet HTML 3Page - Microsemi Corporation APT100GT60LR Datasheet HTML 4Page - Microsemi Corporation APT100GT60LR Datasheet HTML 5Page - Microsemi Corporation APT100GT60LR Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Performance Curves
APT100GT60B2R_LR(G)
V
GE
=15V,T
J
=125°C
V
GE
=15V,T
J
=25°C
V
CE
= 400V
R
G
= 4.3
Ω
L = 100µH
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω
R
G
= 4.3
Ω, L = 100µH, V
CE
= 400V
V
CE
= 400V
T
J
= 25°C
, or 125°C
R
G
= 4.3
Ω
L = 100µH
35
30
25
20
15
10
5
0
250
200
150
100
50
0
16000
14000
12000
10000
8000
6000
4000
2000
0
35000
30000
25000
20000
15000
10000
5000
0
V
GE
= 15V
T
J
= 125°C, V
GE
= 15V
T
J
= 25 or 125°C,V
GE
= 15V
T
J
= 25°C, V
GE
= 15V
T
J
= 125°C
T
J
= 25°C
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω
T
J
= 125°C
T
J
= 25°C
0
25
50
75 100 125 150 175 200 225
0
25
50
75 100 125 150 175 200 225
0
25
50
75 100 125 150 175 200 225
0
25
50
75 100 125 150 175 200 225
0
25
50
75 100 125 150 175 200 225
0
25
50
70 100 125 150 175 200 225
0
10
20
30
40
50
0
25
50
75
100
125
R
G
= 4.3
Ω, L = 100µH, V
CE
= 400V
450
400
350
300
250
200
150
100
50
0
200
180
160
140
120
100
80
60
40
20
0
12000
10000
8000
6000
4000
2000
0
16000
14000
12000
10000
8000
6000
4000
2000
0
V
CE
= 400V
V
GE
= +15V
R
G
= 4.3
Ω
E
off,
200A
E
on2,
200A
E
off,
100A
E
on2,
100A
E
off,
50A
E
on2,
50A
V
CE
= 400V
V
GE
= +15V
T
J
= 125°C
E
off,
200A
E
on2,
200A
E
off,
100A
E
on2,
100A
E
off,
50A
E
on2,
50A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com