Electronic Components Datasheet Search
  English  ▼

X  

SPT5400 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT5400
Description  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5400 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT5400 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
5/15/00
SPT5400
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT5400SCP
0 to +70
°C
44L PLCC
PIN ASSIGNMENTS
Top View
44
1
VOUTB
VOUTA
VDD
REFAB
AGNDAB
LDAB
LDCD
CS
WR
A2
A1
VOUTG
VOUTH
VDD
REFGH
AGNDGH
GND
LDGH
LDEF
D0
D1
D2
6
7
17
18
28
29
39
40
PIN FUNCTIONS
Name
Function
CLR
Clear input (active low). Driving this asynchronous
input low sets the content of all latches to 1000hex.
All DAC outputs are reset to AGNDxx.
AGNDCD
Analog ground for DAC C and DAC D.
REFCD
Reference voltage input for DAC C and DAC C.
Bypass to AGNDCD with a 0.1 to 1
µF capacitor.
VSS
Negative power supply, –5 V (two pins). Connect
both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1
µF capacitor.
VOUTD
DAC D output voltage.
VOUTC
DAC C output voltage.
VOUTB
DAC B output voltage.
VOUTA
DAC A output voltage.
VDD
Positive power supply, +5 V (two pins). Connect
both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1
µF capacitor.
REFAB
Reference voltage input for DAC A and DAC B.
Bypass to AGNDAB with a 0.1 to 1
µF capacitor.
AGNDAB
Analog ground for DAC A and DAC B.
LDAB
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
A and B to the respective DAC latches.
LDCD
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
C and D to the respective DAC latches.
CS
Chip select (active low).
WR
Write input (active low). WR along with CS load data
into the DAC input latch selected by A0–A2.
A2
Address bit 2.
A1
Address bit 1.
A0
Address bit 0.
D12–D0
Data bits 12–0. (D0 = LSB)
LDEF
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
E and F to the respective DAC latches.
LDGH
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
G and H to the respective DAC latches.
GND
Digital ground.
AGNDGH
Analog ground for DAC G and DAC H.
REFGH
Reference voltage input for DAC G and DAC H.
Bypass to AGNDGH with a 0.1 to 1
µF capacitor.
VOUTH
DAC H output voltage.
VOUTG
DAC G output voltage.
VOUTF
DAC F output voltage.
VOUTE
DAC E output voltage.
REFEF
Reference voltage input for DAC E and DAC F.
Bypass to AGNDEF with a 0.1 to 1
µF capacitor.
AGNDEF
Analog ground for DAC E and DAC F.
Name
Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com