Electronic Components Datasheet Search
  English  ▼

X  

SPT7710 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # SPT7710
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7710 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button SPT7710 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7710 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
8/17/01
SPT7710
AGND
VEE
LINV
N/C
DRINV
N/C
VEE
AGND
AGND
VRTS
VRTF
DGND
AGND
VEE
MINV
CLK
CLK
VEE
AGND
AGND
VRBS
VRBF
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
ORDERING INFORMATION
PART NUMBER
LINEARITY
TEMPERATURE RANGE
PACKAGE TYPE
SPT7710AIJ
0.75 LSB
–25 to +85 °C
42L Ceramic S/B
SPT7710BIJ
0.95 LSB
–25 to +85 °C
42L Ceramic S/B
SPT7710AIG
0.75 LSB
–25 to +85 °C
46L PGA
SPT7710BIG
0.95 LSB
–25 to +85 °C
46L PGA
SPT7710AIQ
0.75 LSB
–25 to +85 °C
44L Cerquad
SPT7710BIQ
0.95 LSB
–25 to +85 °C
44L Cerquad
SPT7710BCU
0.95 LSB
+25 °CDie*
*Please see the die specification for guaranteed electrical performance.
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
LINV
D0 through D6 Output Inversion Control Pin
VEE
Negative Analog Supply Nominally –5.2 V
DGND
Digital Ground
D0
Digital Data Output (LSB)
D1–D6
Digital Data Output
D7
Digital Data Output (MSB)
MINV
D7 Output Inversion Control Pin
CLK
Inverse ECL Clock Input Pin
CLK
ECL Clock Input Pin
AGND
Analog Ground
VIN
Analog Input; Can be Connected to the
Input Signal or Used as a Sense
VR2
Reference Voltage Tap 2 (–1.0 V typ)
VRTF
Reference Voltage Top
VRBF
Reference Voltage Bottom
The following pins are on PGA and cerquad packages only.
DRINV
Data Ready Inverse
DREAD
Data Ready Output
Overrange Overrange Output D8
VR1
Reference Voltage Tap 1 (–1.5 V typ)
VR3
Reference Voltage Tap 3 (–0.5 V typ)
VRTS
Reference Voltage Top, Sense
VRBS
Reference Voltage Bottom, Sense
VIN
VEE
VEE
VEE
VEE
1
2
4
3
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
N/C
LINV
AGND
DGND
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
DGND
AGND
VEE
MINV
N/C
CLK
CLK
N/C
VRTF
N/C
N/C
N/C
AGND
AGND
VR2
AGND
AGND
N/C
N/C
VEE
N/C
VRBF
N/C
VIN
VEE
A
B
C
D
E
F
G
H
D8
D6
D5
D4
D3
D2
D1
D0
DGND
N/C
AGND
VIN
AGND
VR2
AGND
VIN
AGND
N/C
VRBF
VRBS
VR1
VEE
VR3
N/C
VEE
VRTF
AGND AGND
VRTS AGND
VEE
CLK
VEE
AGND
VEE DGND
N/C
VEE
AGND
D7
AGND
DREAD
MINV
LINV DRINV
CLK
1
2
3
4
5
6
7
8
9
J
Cerquad
Bottom
View
PGA
DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com