Electronic Components Datasheet Search
  English  ▼

X  

SPT7725AIJ Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7725AIJ
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7725AIJ Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7725AIJ Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7725AIJ Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
8/17/01
SPT7725
PACKAGE OUTLINES
42-Lead Sidebrazed DIP
A
B
C
D
E
G
1
42
I
H
J
F
46-Lead Pin Grid Array
A
B
C Diameter
Pin 1
D
E
F
G
Stand-off Pin
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.081
0.099
2.06
2.51
B
0.016
0.020
0.41
0.51
C
0.095
0.105
2.41
2.67
D
.050 typ
1.27
E
.050 typ
1.27
F
0.275
6.99
G
2.080
2.120
52.83
53.85
H
0.585
0.605
14.86
15.37
I
0.008
0.015
0.20
0.38
J
0.600
0.620
15.24
15.75
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.890
0.910
22.61
23.11
B
0.100 typ
2.54 typ
C
.045 dia
.055 dia
1.14
1.40
D
0.084
0.096
2.13
2.44
E
0.169
0.193
4.29
4.90
F
.020 dia
.030 dia
0.51
0.76
G
.050 typ
1.27 typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12