Electronic Components Datasheet Search
  English  ▼

X  

SPT7810 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7810
Description  10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7810 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7810 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7810 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SPT7810
tolerance of 0.6% or
± 0.015 V. The potentiometer R1 is
10 k
Ω and supports a minimum adjustable range of up to 150
mV. IC2 is recommended to be an OP-07 or equivalent
device. R2 and R3 must be matched to within 0.1% with good
TC tracking to maintain a 0.3 LSB matching between VFT and
VFB. If 0.1% matching is not met, then potentiometer R4 can
be used to adjust the VFB voltage to the desired level. R1 and
R4 should be adjusted such that VST and VSB are exactly
+2.0 V and -2.0V respectively.
The analog input range will scale proportionally with respect
to the reference voltage if a different input range is required.
The maximum scaling factor for device operation is
± 20% of
the recommended reference voltages of VFT and VFB. How-
ever, because the device is laser trimmed to optimize perfor-
mance with
± 2.5 V references, the accuracy of the device will
degrade if operated beyond a
± 2% range.
The following errors are defined:
+FS error = top of ladder offset voltage =
∆(+FS -VST+1 LSB)
-FS error = bottom of ladder offset voltage =
∆(-FS -VSB-1 LSB)
where the +FS (full scale) input voltage is defined as the
output transition between 1-10 and 1-11 and the -FS input
voltage is defined as the output transition between 0-00 and
0-01.
ANALOG INPUT
VIN1 and VIN2 are the analog inputs. Both inputs are tied to
the same point internally. Either one may be used as an
analog input “sense” and the other for an input “force." The
inputs can also be tied together and driven from the same
source. The full scale input range will be 80% of the reference
voltage or
±2 volts with VFB=-2.5 V and VFT=+2.5 V.
The drive requirements for the analog inputs are minimal
when compared to conventional Flash converters due the
SPT7810’s extremely low input capacitance of only 5 pF and
very high input resistance of 300 k
Ω. For example, for an input
signal of
± 2 V p-p with an input frequency of 10 MHz, the peak
output current required for the driving circuit is only 628
µA.
CLOCK INPUT
The clock inputs (CLK, CLK ) are designed to be driven
differentially with ECL levels. The clock may be driven single
ended since CLK is internally biased to -1.3 V. CLK may be
left open, but a .01
µF bypass capacitor to AGND is recom-
mended. As with all high speed circuits, proper terminations
are required to avoid signal reflections and possible ringing
that can cause the device to trigger at an unwanted time.
The CLK pulse width (tpwH) must be kept between 10 ns and
300 ns to ensure proper operation of the internal track-and-hold
amplifier. (See timing diagram.) When operating the SPT7810
at sampling rates above 3 MSPS, it is recommended that the
clock input duty cycle be kept at 50% to optimize performance.
The analog input signal is latched on the rising edge of the CLK.
DIGITAL OUTPUTS
The format of the output data (D0-D9) is straight binary.
These outputs are ECL with the output circuit shown in
figure 4. The outputs are latched on the rising edge of CLK
with a propagation delay of 4 ns. There is a one clock cycle
latency between CLK and the valid output data (see timing
diagram). These digital outputs can drive 50 ohms to ECL
levels when pulled down to -2 V. The total specified power
dissipation of the device does not include the power used by
these loads. The additional power used by these loads can
vary between 10 and 300 mW typically (including the overrange
load) depending on the output codes. If lower power levels
are desired, the output loads can be reduced, but careful
consideration to the capacitive loads in relation to the oper-
ating frequency must be considered.
Table II - Output Data Information
ANALOG INPUT
OVERRANGE
OUTPUT CODE
D1O
D9-DO
>+2.0 V + 1/2 LSB
1
11 1111
1111
+2.0 V -1 LSB
O
11 1111
111Ø
0.0 V
O
ØØ ØØØØ ØØØØ
-2.0 V +1 LSB
O
OO OOOO OOOØ
<-2.0 V
O
OO OOOO OOOO
(Ø indicates the flickering bit between logic 0 and 1).
Figure 3 - Output Circuit
Data Out
AGND
DGND
OVERRANGE OUTPUT
The OVERRANGE OUTPUT (D10) is an indication that the
analog input signal has exceeded the positive full scale input
voltage by 1 LSB. When this condition occurs, D10 will switch
to logic 1. All other data outputs (D0 to D9) will remain at logic 1
as long as D10 remains at logic 1. This feature makes it
possible to include the SPT7810 into higher resolution systems.
EVALUATION BOARD
The EB7810 evaluation board is available to aid designers in
demonstrating the full performance of the SPT7810. This
board includes a reference circuit, clock driver circuit, output
data latches and an on-board reconstruction of the digital
data. An application note describing the operation of this
board as well as information on the testing of the SPT7810 is
also available. Contact the factory for price and availability.
8
3/11/97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com