Electronic Components Datasheet Search
  English  ▼

X  

SPT7840 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7840
Description  10-BIT, 10 MSPS, 100 mW A/D CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7840 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT7840 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT7840 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
6/27/01
SPT7840
Table II – Clock Cycles
Clock
Operation
1
Reference zero sampling
2
Auto-zero comparison
3
Auto-calibrate comparison
4
Input sample
5-15
11-bit SAR conversion
16
Data transfer
The 16-phase clock, which is derived from the input clock,
synchronizes these events. The timing signals for adjacent
ADC sections are shifted by two clock cycles so that the
analog input is sampled on every other cycle of the input
clock by exactly one ADC section. After 16 clock periods,
the timing cycle repeats. The sample rate for the configu-
ration is one-half of the clock rate; e.g., for a 20 MHz clock
rate, the input sample rate is 10 MHz. The latency from
analog input sample to the corresponding digital output is
12 clock cycles.
• Since only eight comparators are used, a huge power
savings is realized.
• The auto-zero operation is done using a closed loop
system that uses multiple samples of the comparators’
response to a reference zero.
• The auto-calibrate operation, which calibrates the gain
of the MSB reference and the LSB reference, is also
done with a closed loop system. Multiple samples of the
gain error are integrated to produce a calibration volt-
age for each ADC section.
• Capacitive displacement currents, which can induce
sampling error, are minimized since only one compara-
tor samples the input during a clock cycle.
• The total input capacitance is very low since sections of
the converter that are not sampling the signal are iso-
lated from the input by transmission gates.
VOLTAGE REFERENCE
The SPT7840 requires the use of a single external voltage
reference for driving the high side of the reference ladder.
It must be within the range of 3 V to 5 V. The lower side of
the ladder is typically tied to AGND (0.0 V), but can be run
up to 2.0 V with a second reference. The analog input volt-
age range will track the total voltage difference measured
between the ladder sense lines, VRHS and VRLS.
Force and sense taps are provided to ensure accurate
and stable setting of the upper and lower ladder sense line
voltages across part-to-part and temperature variations.
By using the configuration shown in figure 3, offset and
gain errors of less than ±2 LSB can be obtained.
In cases where wider variations in offset and gain can be
tolerated, VREF can be tied directly to VRHF, and AGND can
be tied directly to VRLF as shown in figure 4. Decouple
force and sense lines to AGND with a .01 µF capacitor
(chip cap preferred) to minimize high-frequency noise in-
jection. If this simplified configuration is used, the following
considerations should be taken into account.
The reference ladder circuit shown in figure 4 is a simpli-
fied representation of the actual reference ladder with
force and sense taps shown. Due to the actual internal
structure of the ladder, the voltage drop from VRHF to VRHS
is not equivalent to the voltage drop from VRLF to VRLS.
Figure 3 – Ladder Force/Sense Circuit
AGND
VRHF
VRHS
VRLS
VRLF
VIN
+
–
All capacitors are 0.01 µF
+
–
Figure 4 – Reference Ladder
R/2
R
R
R
R
R
R
R/2
R=30 W (typ)
All capacitors are 0.01 µF
VRLF
(AGND)
0.0 V
VRLS
(0.075 V)
VRHS
(+3.91 V)
+4.0 V
External
Reference
75 mV
90 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com