Electronic Components Datasheet Search
  English  ▼

X  

SPT7852 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7852
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7852 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
1/12/00
SPT7852
Figure 2 – Timing Diagram 1
Clock
Reset
Data
Valid (DAV)
Data
Output
(Channel A)
Data
Output
(Channel B)
tC
tCLK
td
tSet
tHold
tOD
tOD
1
2
3
4
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Notes:
1)
Data Valid is forced low on Reset = High.
2)
Data updated on first rising edge of clock after Reset goes low.
3)
Data Valid rising edge will occur on the second rising edge of Clock
after Reset goes low. Use the rising edge of Data Valid to latch the ADC output data.
4)
Analog Input Data is sampled during the first clock cycle after Reset goes low.
Valid data output from this sample will be available 12 clock cycles
later (6 Data Valid cycles). All data during the 12 clock cycle latency is invalid.
CLOCK INPUT
The SPT7852 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over a
wide range of input clock duty cycles without degrading the
dynamic performance. The device's sample rate is 1/2 of
the input clock frequency. (See timing diagram.)
TIMING AND RESET FUNCTION
The two on-board ADCs in the SPT7852 are driven off of a
single external TTL clock. This external clock must be 2X
the desired sample rate. In applications that require a
known phase relationship between the clock, analog input
sampling and valid data output, a reset function is provided
to establish a known phase relationship. (Because of the 2X
clock, an exact phase relationship will not be known other-
wise.) Refer to figure 2, Timing Diagram 1.
The reset pin is low for normal device operation. When reset
is brought high, Data Valid (DAV) is immediately forced low
and data output updates are suspended. Operation will re-
sume on the first rising edge of the clock after the reset pin
has been brought low. The first Data Valid rising edge will
occur on the second edge of the clock after the reset goes
low.
The first analog input sample will be taken during the first
clock cycle after reset goes low. Valid data from this
sample will be available 12 clock cycles later. All data dur-
ing this 12 cycle latency will be invalid (Refer to figure 3,
Timing Diagram 2.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com