Electronic Components Datasheet Search
  English  ▼

X  

SPT7853 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7853 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT7853 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7853 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
12/14/99
SPT7853
CLOCK INPUT
The SPT7853 is driven from a single-ended input clock. Be-
cause the pipelined architecture operates on the rising edge
of the clock input, the device can operate over a wide range
of input clock duty cycles without degrading the dynamic
performance. The device’s sample rate is 1/2 of the input
clock frequency. (See the timing diagram.)
DIGITAL OUTPUTS
The digital outputs for each channel (D0–D9) are driven by a
separate supply (OVDD) ranging from +3 V to +5 V. This
feature makes it possible to drive the SPT7853’s CMOS-
compatible outputs with the user’s logic system supply. The
format of the output data (D0–D9) is straight binary. (See
table III.) The outputs are latched on the rising edge of CLK.
These outputs can be switched into a tri-state mode by
bringing OEN high.
Table III – Output Data Information
ANALOG INPUT
OUTPUT CODE
D9-D0
+F.S. + 1/2 LSB
11 1111
1111
+F.S. –1/2 LSB
11 1111
111Ø
+1/2 F.S.
ØØ ØØØØ ØØØØ
+1/2 LSB
00 0000
000Ø
0.0 V
00 0000
0000
(Ø indicates the flickering bit between logic 0 and 1).
DATA AVAILABLE
The Data Available pin goes high when the data output bits
are valid (see figure 1b). Note: Optimal performance of the
data valid pin is achieved when using an input clock with a
minimum span range of
≤1 V (clock low) to ≥4 V (clock high).
EVALUATION BOARD
The EB7853 Evaluation Board is available to aid designers
in demonstrating the full performance of the SPT7853. This
board includes a reference circuit, clock driver circuit, output
data latches and an on-board reconstruction of the digital
data. An application note (AN7853) describing the operation
of this board as well as information on the testing of the
SPT7853 is also available. Contact the factory for price and
availability.
CALIBRATION
The SPT7853 uses an auto-calibration scheme to ensure
10-bit accuracy over time and temperature. Gain and offset
errors are continually adjusted to 10-bit accuracy during
device operation. This process is completely transparent to
the user.
Upon powerup, the SPT7853 begins its calibration algo-
rithm. In order to achieve the calibration accuracy required,
the offset and gain adjustment step size is a fraction of a
10-bit LSB. Since the calibration algorithm is an over-
sampling process, a minimum of 10k clock cycles are re-
quired. This results in a minimum calibration time upon
powerup of 150
µsec. Once calibrated, the SPT7853
remains calibrated over time and temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7853 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 6. This circuit provides ESD robustness to
3.5 kV and prevents latch-up under severe discharge condi-
tions without degrading analog transition times.
Figure 6 – On-Chip Protection Circuit
VDD
Analog
Pad
120
Ω
120
Ω
POWER SUPPLY SEQUENCING
CONSIDERATIONS
All logic inputs should be held low until power to the device
has settled to the specific tolerances. Avoid power
decoupling networks with large time constants which could
delay VDD power to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com