Electronic Components Datasheet Search
  English  ▼

X  

SPT7866 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7866
Description  10-BIT, 60 MSPS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7866 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7866 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7866 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
11/20/01
SPT7866
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7866SCR
0 to +70 °C
28L SSOP
PIN FUNCTIONS
Name Function
GND
Analog ground
VDD
Analog +5 V
OGND
Output ground
OVDD
Supply voltage for digital outputs 3 V/5 V
REFL
Reference pin low, input for external
reference, bypass with capacitor (10 µF)
when internal reference is selected.
REFH
Reference pin high, input for external
reference, bypass with capacitor (10 µF)
when internal voltage is selected.
VCM
2.5 V common mode voltage reference output
VIN
Non-inverted analog input
VIN
Inverted analog input
CLK
Clock input pin
CLK
Complement of clock input pin, internally
biased to 1.5 V; if single-ended clock is used,
bypass to GND with 10 µF
D0–D9
Digital outputs; D0 = LSB; 3 V/5 V compatible
OR
Out-of-range bit; 3 V/5 V compatible
EXT/INT
EXT/INT = 1, external reference used; internal
reference powered down
EXT/INT = 0, internal reference used;
internally pulled down
Sleep
Sleep = 1, normal operation; internally pulled
up
Sleep = 0, powered-down mode
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GND
VDD
REFL
REFH
VCM
GND
VDD
VIN
CLK
D0
D1
D2
D3
D4
OGND
OVDD
OGND
OVDD
D5
D6
D7
D8
D9 (MSB)
EXT/INT
VIN
SPT7866
28L SSOP
CLK
OR
Sleep
PIN ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com