Electronic Components Datasheet Search
  English  ▼

X  

SPT7935 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7935
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7935 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7935 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7935 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
7/12/00
SPT7935
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
VIN+, VIN–
Analog Inputs
VREF+, VREF–
External Reference Inputs
CLK
Input Clock
VCM
Common Mode Output Voltage
(1.65 V typ)
Bias 1
Bias Current (90
µA typ)
Bias 2
Bias Current (9.5
µA typ)
D0 – D11
Digital Outputs (D0 = LSB)
GND
Analog Ground
VDD1
Analog Power Supply
VDD2
Digital Power Supply
VDD3
Digital Output Power Supply
N/C
No Connect Pins. Recommended to
connect to analog ground.
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7935SIT
–40 to +85
°C
44L TQFP
ORDERING INFORMATION
GND
CLK
N/C
VDD3
VDD2
VDD2
VDD1
VDD1
VDD1
VREF-
VREF+
1
2
3
4
5
6
7
8
9
10
11
D10
D11 (MSB)
GND
GND
GND
GND
GND
GND
GND
GND
GND
33
32
31
30
29
28
27
26
25
24
23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com