Electronic Components Datasheet Search
  English  ▼

X  

SPT7937SIR Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT7937SIR
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937SIR Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT7937SIR Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7937SIR Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
3/5/02
SPT7937
Figure 6 – On-Chip Protection Circuit
VDD
Analog
Pad
120 W
120 W
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 6. This circuit provides ESD robustness to
3.5 kV and prevents latch-up under severe discharge con-
ditions without degrading analog transition times.
CLOCK INPUT
The SPT7937 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance.
DIGITAL OUTPUTS
The digital outputs (D0–D12) are driven by a separate sup-
ply (OVDD) ranging from +3 V to +5 V. This feature makes it
possible to drive the SPT7937’s TTL/CMOS-compatible
outputs with the user’s logic system supply. The format of
the output data (D0–D11) is straight binary. (See table III.)
The outputs are latched on the rising edge of CLK.
Table III – Output Data Information
ANALOG INPUT
OUT OF RANGE
OUTPUT CODE
D12
D11–D0
+F.S. + 1/2 LSB
1
1111 1111 1111
+F.S. –1/2 LSB
0
1111 1111 111Ø
+1/2 F.S.
0
ØØØØ ØØØØ ØØØØ
+1/2 LSB
0
0000 0000
000Ø
0.0 V
1
0000 0000
0000
(Ø indicates the flickering bit between logic 0 and 1).
OUT-OF-RANGE OUTPUT
The Out-of-Range Output (D12) is an indication that the
analog input signal is outside the full-scale input voltage
range by 1 LSB. When this condition occurs, D12 will
switch to logic 1. All other data outputs (D0 to D11) will
remain at logic 0 or 1 as long as D12 remains at logic 1.
EVALUATION BOARD
The EB7937 evaluation board is available to aid designers
in demonstrating the full performance of the SPT7937.
This board includes a reference circuit, clock driver circuit,
output data latches and an on-board reconstruction of the
digital data. An application note (AN7937) describing the
operation of this board, as well as information on the test-
ing of the SPT7937, is also available. Contact the factory
for price and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com