Electronic Components Datasheet Search
  English  ▼

X  

SPT9689 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT9689
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9689 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT9689 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2/20/01
SPT9689
TYPICAL PERFORMANCE CHARACTERISTICS
0
20406080
100
OVERDRIVE (mV)
500
PROPAGATION DELAY VS OVERDRIVE VOLTAGE
550
600
650
700
750
800
-50
0
+50
+100
120
160
200
240
RISE TIME VS TEMPERATURE
TEMPERATURE (°C)
80
280
+150
HYSTERESIS VS
DLATCH
1
0
DLATCH = VLE – VLE (mV)
3
5
7
9
11
10
20
30
40
50
400
500
600
700
800
–1.50
–1.30
–1.10
RISE AND FALL OF OUTPUTS VS TIME CROSSOVER
TIME (ps)
–1.90
–1.70
–.90
900
100
140
180
220
60
260
–50
0
+50
+100
+150
FALL TIME VS TEMPERATURE
TEMPERATURE (°C)
–3.0
8
12
16
INPUT BIAS CURRENT VS COMMON MODE VOLTAGE
COMMON MODE VOLTAGE (V)
0
4
20
–2.0
–1.0
0.0
+2.0
+3.0
+4.0
+5.0
+1.0
T=-55
°C
T=+25
°C
T=+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com