Electronic Components Datasheet Search
  English  ▼

X  

LPS41 Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPS41
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS41 Datasheet(HTML) 2 Page - Emerson Network Power

  LPS41_09 Datasheet HTML 1Page - Emerson Network Power LPS41_09 Datasheet HTML 2Page - Emerson Network Power LPS41_09 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
OrderingInformation
ModelNumber
Output
Voltage
Minimum
Load
MaximumLoadwith
ConvectionCooling
MaximumLoadwith
30CFMForcedAir
PeakLoad1 Regulation2 RippleP/P(PARD)3
LPS41(-T)
3.3V
0A
8A
11A
12A
±2%
50mV
LPS42(-T)
5V
0A
8A
11A
12A
±2%
50mV
LPS43(-T)
12V
0A
3.3A
4.5A
5A
±2%
120mV
LPS44(-T)
15V
0A
2.6A
3.6A
4A
±2%
150mV
LPS45(-T)
24V
0A
1.7A
2.3A
2.5A
±2%
240mV
LPS48(-T)
48V
0A
0.9A
1.2A
1.3A
±2%
480mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4. (-T)indicatesTerminalBlockoptionforinputandoutput(insteadofMolextype)
Rev. 7.8.09_4
LPS40 Series
 of 3
Operatingtemperature: 0°to50°Cambient.Derateeachoutput2.5%perdegreefrom50°to70°C,-20°Cstartup.
Storagetemperature:
-40°Cto+85°C
Temperaturecoefficient: ±0.4%per°C
Electromagnetic
susceptibility:
DesignedtomeetIEC801,-2,-3,-4,-5,-6,Level3
Humidity:
Operating;non-condensing5%to95%RH
Vibration:
Threeorthogonalaxes,sweepat1oct/min,5min.dwellatfourmajorresonances0.75Gpeak5Hz
to500Hz,operational
MTBFdemonstrated:
>550,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
27.5W
55W
30 CFM Forced Air Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com