Electronic Components Datasheet Search
  English  ▼

X  

TMC1103 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # TMC1103
Description  Triple Video A/D Converter with Clamps 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1103 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  TMC1103 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1103 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• 8-bit resolution
• 50 Msps conversion rate
• Low power: 100mW per channel @ 20 Msps
• Integral track/hold
• Independent Input Clamps
• Independent clock inputs
• Integral and differential linearity error 0.5 LSB
• Differential phase 0.7 degree
• Differential gain 1.8%
• Single +5V power supply
• Three-state TTL/CMOS-compatible outputs
• Low cost
Applications
• Video digitizing (composite and Y-C)
• VGA and CCD digitizing
• LCD projection panels
• Image scanners
• Personal computer video boards
• Multimedia systems
• Low cost, high speed data conversion
Description
Incorporated into the TMC1103 are three analog-to-digital
(A/D) converters, each with an independent clock, reference
voltage and input clamp. Analog signals are converted to
Triple 8-bit digital words at sample rates up to 50 Msps
(Megasamples per second) per channel.
Integral Track/Hold circuits deliver excellent performance
on signals with full-scale spectral components up to
12 MHz. Innovative two-step conversion architecture and
submicron CMOS technology reduce typical power dissipa-
tion to 100 mW per converter.
Power is derived from a single +5 Volt power supply. Out-
puts are three-state outputs and TTL/CMOS-compatible.
TMC1103 package is a 80-lead Metric Quad Flat Pack
(MQFP). Performance specifications are guaranteed from
0
°C to 70°C.
Block Diagram
8-bit
A/D Converter
RTA
DA7-0
OEA
CLKA
VINA
VCLPA
CLPA
RBA
65-1103-01
Clamp
8-bit
A/D Converter
RTB
DA7-0
OEB
CLKB
VINB
VCLPB
CLPB
RBB
Clamp
8-bit
A/D Converter
RTC
DA7-0
OEC
CLKC
VINC
VCLPC
CLPC
RBC
Clamp
TMC1103
Triple Video A/D Converter with Clamps
8-Bit, 50Msps
Rev. 1.2.0
www.cadeka.com


Similar Part No. - TMC1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results

Similar Description - TMC1103

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com