Electronic Components Datasheet Search
  English  ▼

X  

L3916A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L3916A
Description  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3916A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L3916A Datasheet HTML 4Page - STMicroelectronics L3916A Datasheet HTML 5Page - STMicroelectronics L3916A Datasheet HTML 6Page - STMicroelectronics L3916A Datasheet HTML 7Page - STMicroelectronics L3916A Datasheet HTML 8Page - STMicroelectronics L3916A Datasheet HTML 9Page - STMicroelectronics L3916A Datasheet HTML 10Page - STMicroelectronics L3916A Datasheet HTML 11Page - STMicroelectronics L3916A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
GDTMF
DTMF Gain
IL =15mA, RDTMF =2.25K
Ω
38
40
42
dB
7
CDTMF
Confidence Tone Level
Vear/VLN
–34
–32
–30
dB
7
VDTMF
DTMF Level on the line
High Frequency Group
Low Frequency Group
RDTMF = 2.25K
Ω,
CDTMF = 22nF
–8
–10
–6
–8
–4
–6
dBm
dBm
7
PEI
Pre-emphasis
1.0
2
3
dB
7
DIS
DTMF Output Distortion
5
8
%
7
ZDTMF
DTMF Att. pin Impedance
32
K
Ω
GRX
Receive Gain
Vinp = 5mVrms, Re = 300
Ω
RGRX = 100K
Ω
IL = 15mA
IL = 60mA
29.5
24
31.0
26
32.5
28
dB
dB
8
AGRX
Receive Gain Variation
IL =15mA, Re = 300
Ω
RGRX = 10K
Ω
RGRX = 300K
Ω
–20
–20
+10
+10
dB
dB
dB
8
DRX
Reveive Distortion
IL = 15mA; RGRX = 100K
Ω
Re = 150
Ω, VC = 0.25Vrms
Re = 300
Ω, VC = 0.45Vrms
Re = 450
Ω,VC = 0.55Vrms
2
2
2
%
%
%
8
NRX
Receive Noise
IL = 15mA RL = 300
Ω
RGRX = 100K
Ω Vinp =0V
200
8
ZOUT
Receive Output Impedance
IL = 15mA
35
Ω
8
VPT
Pacifier Tone Level on
Earphone
IL= 15mA; Rp =
∞
Rp = 430K
60
600
mVrms
mVrms
8
KEYBOARD INTERFACE
TKD
FKS
KRU
KRD
Keypad Debounce Time
Keypad Scan Frequency
Keypad Pullup Resistance
Keypad Pulldown Resistance
32
250
100
500
ms
Hz
K
Ω
Ω
PULSE MODE
TPT
FPT
PR
TB
TM
IDP
PDP
Pacifier Tone Duration
Pacifier Tone Frequency
Pulse Rate
Break Time
Make Time
Inter Digit Pause
Predigit Pause
75
500
10
60
40
820
50
ms
Hz
PPS
ms
ms
ms
ms
TONE MODE
TRIS
TR
TPSD
TISD
TDUR
Tone Output Rise Time
Tone Signalling Rate
Pre Signal Delay
Inter Signal Delay
Tone Output Duration
40
5
100
100
5ms
1/s
ms
ms
ms
tHFP
Hook Flash Timing
L3916A
L3926A
L3936A
585
300
100
ms
ms
ms
Notes:
1. All inputs unloaded. Quiescent mode (oscillator off).
2. Pulse output sink current for VOUT = 0.5V.
3. Pacifier tone sink current for VOUT = 0.5V. Source current for VOUT = 2.5V.
4. Memory retention voltage is the point where memory is guaranteed but circuit operation is not. Proper memory retention is guaranteed if
either the minimum IMR is provided or the minimum VMR. The design does not have to provide both the minimum current and voltage
simultaneously.
µV
L3916A - L3926A - L3936A
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com