Electronic Components Datasheet Search
  English  ▼

X  

STM1066 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM1066
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM1066 Datasheet HTML 4Page - STMicroelectronics STM1066 Datasheet HTML 5Page - STMicroelectronics STM1066 Datasheet HTML 6Page - STMicroelectronics STM1066 Datasheet HTML 7Page - STMicroelectronics STM1066 Datasheet HTML 8Page - STMicroelectronics STM1066 Datasheet HTML 9Page - STMicroelectronics STM1066 Datasheet HTML 10Page - STMicroelectronics STM1066 Datasheet HTML 11Page - STMicroelectronics STM1066 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Operation
STM1066
8/20
2
Operation
The STM1066 connects or disconnects the output OUT, from the VIN pin based on the
logical combination of the enable input (EN), the inhibit input (INH), and the supply voltage
level, VCC (see Table 2 or Figure 11 for more details).
2.1
Output, OUT
If the enable input is in a logic high state and inhibit input is in a logic low state, the output
will be connected to VIN input as VCC rises above the VTH+ voltage threshold. Otherwise, the
output is connected to ground GND. The output is current limited (see Table 5).
2.2
Enable input, EN
A Logic low on the enable input disconnects the output from VIN and disables the device,
which enters a standby mode with very low current consumption (see Table 5).
2.3
Inhibit input, INH
A logic high on the inhibit input disconnects the output from VIN.
Table 2.
Truth table
VCC
EN(1)
1.
Once the device is disabled by EN input, the VCC must be above VTH+ to reconnect output to VIN.
INH
OUT
<VTH+ (rising edge)
<VTH- (falling edge)
x
x
connected to GND
x
L
x
connected to GND
x
x
H
connected to GND
>VTH+ (rising edge)
>VTH- (falling edge)
H
L
connected to VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com